Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4BGS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPD6P4BGS
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P4BGS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPD6P4BGS Datasheet HTML 5Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 6Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 7Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 8Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 9Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 10Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 11Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 12Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
7
µPD6P4B
Data Sheet U13594EJ2V1DS00
1.2 PROM Programming Mode
Pin No.
Symbol
Function
I/O
1, 2
D0-D7
8-bit data input/output when writing/verifying program memory
I/O
15-20
3
CLK
Clock input for updating address when writing/verifying program
Input
memory
6VDD
Power Supply.
–
Supply +6 V to this pin when writing/verifying program memory.
7XOUT
Clock necessary for writing program memory. Connect 4 MHz ceramic
–
8XIN
resonator to these pins.
Input
9
GND
GND
–
10
VPP
Supplies voltage for writing/verifying program memory.
–
Apply +12.5 V to this pin.
11-14
MD0-MD3
Input for selecting operation mode when writing/verifying program memory. Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com