Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P4BGS Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # UPD6P4BGS
Description  MOS INTEGRATED CIRCUIT
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P4BGS Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button UPD6P4BGS Datasheet HTML 24Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 25Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 26Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 27Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 28Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 29Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 30Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 31Page - Renesas Technology Corp UPD6P4BGS Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
26
µPD6P4B
Data Sheet U13594EJ2V1DS00
8. RECOMMENDED SOLDERING CONDITIONS
Carry out the soldered packaging of this product under the following recommended conditions.
For details of the soldering conditions, refer to information material Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than the recommended conditions, please consult one of our NEC
sales representatives.
Table 8-1. Soldering Conditions for Surface-Mount Type
(1)
µPD6P4BGS-×××: 20-pin plastic SOP (7.62 mm (300))
Soldering Method
Soldering Condition
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 secs. max. (210°C min.),
IR35-00-2
Number of times: Twice max.
VPS
Package peak temperature: 215
°C, Time: 40 secs. max. (200°C min.),
VP15-00-2
Number of times: Twice max.
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 secs. max., Number of times: once,
WS60-00-1
Preheating temperature: 120
°C max. (package surface temperature.)
Partial heating
Pin temperature: 300
°C or less ; time: 3 secs or less (for each side of the device)
—
Caution Do not use two or more soldering methods in combination (except partial heating).
(2)
µPD6P4BMC-5A4: 20-pin plastic SSOP (7.62 mm (300))
Soldering Method
Soldering Condition
Recommended
Condition Symbol
Infrared reflow
Package peak temperature: 235
°C, Time: 30 secs. max. (210°C min.),
IR35-00-3
Number of times: Three times max.
VPS
Package peak temperature: 215
°C, Time: 40 secs. max. (200°C min.),
VP15-00-3
Number of times: Three times max.
Wave soldering
Solder bath temperature: 260
°C max., Time: 10 secs. max., Number of times: once,
WS60-00-1
Preheating temperature: 120
°C max. (package surface temperature.)
Partial heating
Pin temperature: 300
°C or less ; time: 3 secs or less (for each side of the device)
—
Caution Do not use two or more soldering methods in combination (except partial heating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com