Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74ALVC573
Description  Octal D-type transparent latch; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC573 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74ALVC573 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Nexperia
74ALVC573
Octal D-type transparent latch; 3-state
aaa-032675
74ALVC573
Transparent top view
GND(1)
Q7
D6
D7
Q6
D5
Q5
D4
Q4
D3
Q3
D2
Q2
D1
Q1
D0
Q0
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
terminal 1
index area
(1) This is not a ground pin. There is no electrical or mechanical requirement to solder the pad. In case soldered,
the solder land should remain floating or connected to GND.
Fig. 8. Pin configuration SOT764-1 (DHVQFN20)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
D0, D1, D2, D3, D4, D5, D6, D7
2, 3, 4, 5, 6, 7, 8, 9
data input
LE
11
latch enable input (active HIGH)
OE
1
output enable input (active LOW)
Q0, Q1, Q2, Q3, Q4, Q5, Q6, Q7
19, 18, 17, 16, 15, 14, 13, 12
3-state latch output
VCC
20
supply voltage
GND
10
ground (0 V)
6. Functional description
Table 3. Functional table
H = HIGH voltage level; h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition;
L = LOW voltage level; l = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition;
Z = High-impedance OFF-state.
Input
Output
Operating modes
OE
LE
Dn
Internal latch
Qn
L
H
L
L
L
Enable and read register
(transparent mode)
L
H
H
H
H
L
L
l
L
L
Latch and read register
L
L
h
H
H
H
L
l
L
Z
Latch register and disable
outputs
H
L
h
H
Z
74ALVC573
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 30 April 2021
4 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com