Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573 Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74ALVC573
Description  Octal D-type transparent latch; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC573 Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74ALVC573 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Nexperia
74ALVC573
Octal D-type transparent latch; 3-state
10. Dynamic characteristics
Table 7. Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Fig. 13.
-40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
Dn to Qn; see Fig. 9
[2]
VCC = 1.65 V to 1.95 V
1.0
2.5
5.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.0
3.5
ns
VCC = 2.7 V
1.0
2.3
3.6
ns
VCC = 3.0 V to 3.6 V
1.0
2.2
3.3
ns
LE to Qn; see Fig. 10
VCC = 1.65 V to 1.95 V
1.0
2.8
6.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.1
3.8
ns
VCC = 2.7 V
1.0
2.4
3.7
ns
tpd
propagation delay
VCC = 3.0 V to 3.6 V
1.0
2.3
3.3
ns
OE to Qn; see Fig. 11
[2]
VCC = 1.65 V to 1.95 V
1.5
3.0
6.4
ns
VCC = 2.3 V to 2.7 V
1.0
2.4
4.5
ns
VCC = 2.7 V
1.5
3.0
4.6
ns
ten
enable time
VCC = 3.0 V to 3.6 V
1.0
2.3
4.0
ns
OE to Qn; see Fig. 11
[2]
VCC = 1.65 V to 1.95 V
1.5
3.4
7.0
ns
VCC = 2.3 V to 2.7 V
1.0
2.2
4.4
ns
VCC = 2.7 V
1.5
2.8
4.4
ns
tdis
disable time
VCC = 3.0 V to 3.6 V
1.0
2.7
4.4
ns
LE pulse width HIGH; see Fig. 10
VCC = 1.65 V to 1.95 V
3.8
-
-
ns
VCC = 2.3 V to 2.7 V
3.3
-
-
ns
VCC = 2.7 V
3.3
-
-
ns
tW
pulse width
VCC = 3.0 V to 3.6 V
3.3
-
-
ns
Dn to LE; see Fig. 12
VCC = 1.65 V to 1.95 V
0.8
-
-
ns
VCC = 2.3 V to 2.7 V
0.8
-
-
ns
VCC = 2.7 V
0.8
-
-
ns
tsu
set-up time
VCC = 3.0 V to 3.6 V
0.8
-
-
ns
Dn to LE; see Fig. 12
VCC = 1.65 V to 1.95 V
0.8
-
-
ns
VCC = 2.3 V to 2.7 V
0.8
-
-
ns
VCC = 2.7 V
0.8
-
-
ns
th
hold time
VCC = 3.0 V to 3.6 V
0.7
-
-
ns
74ALVC573
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2021. All rights reserved
Product data sheet
Rev. 4 — 30 April 2021
7 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com