Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVC573 Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74ALVC573
Description  Octal D-type transparent latch; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVC573 Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74ALVC573 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVC573 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
74ALVC573
Octal D-type transparent latch; 3-state
Rev. 4 — 30 April 2021
Product data sheet
1. General description
The 74ALVC573 is an octal D-type transparent latch featuring separate D-type inputs for each latch
and 3-state true outputs for bus-oriented applications. A latch enable (LE) input and an outputs
enable (OE) input are common to all latches.
When pin LE is HIGH, data at the D-inputs (pins D0 to D7) enters the latches. In this condition,
the latches are transparent, that is, a latch output will change each time its corresponding D-input
changes. When pin LE is LOW, the latches store the information that was present at the D-inputs
one set-up time preceding the HIGH-to-LOW transition of pin LE.
When pin OE is LOW, the contents of the eight latches are available at the Q-outputs (pins Q0 to
Q7). When pin OE is HIGH, the outputs go to the high-impedance OFF-state. Operation of input pin
OE does not affect the state of the latches.
The 74ALVC573 is functionally identical to the 74ALVC373, but has a different pin arrangement.
2. Features and benefits
• Wide supply voltage range from 1.65 V to 3.6 V
• 3.6 V tolerant inputs/outputs
• CMOS low power consumption
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Power-down mode
• Latch-up performance exceeds 250 mA
• Complies with JEDEC standards:
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V


Similar Part No. - 74ALVC573

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC573 NXP-74ALVC573 Datasheet
101Kb / 17P
Octal D-type transparent latch; 3-state
Rev. 03-26 October 2007
74ALVC573BQ PHILIPS-74ALVC573BQ Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC573BQ NXP-74ALVC573BQ Datasheet
101Kb / 17P
Octal D-type transparent latch; 3-state
Rev. 03-26 October 2007
74ALVC573D PHILIPS-74ALVC573D Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
More results

Similar Description - 74ALVC573

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
Octal D-type transparent latch 3-state
2003 Jun 25
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
Octal D-type transparent latch; 3-state
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
Octal D-type transparent latch (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com