Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5014 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS5014
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5014 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS5014 Datasheet HTML 10Page - Cirrus Logic CS5014 Datasheet HTML 11Page - Cirrus Logic CS5014 Datasheet HTML 12Page - Cirrus Logic CS5014 Datasheet HTML 13Page - Cirrus Logic CS5014 Datasheet HTML 14Page - Cirrus Logic CS5014 Datasheet HTML 15Page - Cirrus Logic CS5014 Datasheet HTML 16Page - Cirrus Logic CS5014 Datasheet HTML 17Page - Cirrus Logic CS5014 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
Asynchronous Sampling
The CS5012A/14/16 internally operate from a
clock which is delayed and divided down from
CLKIN (fCLK/4). If sampling is not synchronized
to this internal clock, the conversion cycle may
not begin until up to four clock cycles after
HOLD goes low even though the charge is
trapped immediately. In this asynchronous mode
(Figure 3a), the four clock cycles add to the mini-
mum 49, 57 and 65 clock cycles (for the
CS5012A/14/16 respectively) to define the maxi-
mum conversion time (see Figure 5a and
Table 1).
Synchronous Sampling
To achieve maximum throughput, sampling can
be synchronized with the internal conversion
clock by connecting the End-of-Track (EOT) out-
put to HOLD (Figure 3b). The EOT output falls
15 CLKIN cycles after EOC indicating the ana-
log
input
has
been
acquired
to
the
CS5012A/14/16’s specified accuracy. The EOT
output is synchronized to the internal conversion
clock, so the four clock cycle synchronization un-
certainty is removed yielding throughput at
[1/64]fCLK for the CS5012A, [1/72]fCLK for
CS5014 and [1/80]fCLK for CS5016 where fCLK
is the CLKIN frequency (see Figure 5b and Ta-
ble 1).
*
Conversion
(49 + N cycles)
1 / Throughput
(64 + N cycles)
Output
EOT
Output
EOC
Input
HOLD
Acquisition
(15 cycles)
* Dashed line: CS & RD = 0
CS5012A N = 0
Solid line: See Figure 9
CS5014
N = 8
CS5016
N = 16
Figure 5b. Synchronous (Loopback Mode)
Conversion
Synchronization Uncertainty (4 cycles)
Input
Output
Output
Acquisition
HOLD
EOC
EOT
1 / Throughput
Figure 5a. Asynchronous Sampling (External Clock)
Throughput Time
Conversion Time
Sampling Mode
Synchronous (Loopback)
Asynchronous
Min
64 t clk
N/A
N/A
Max
64 t clk
59
1.32
µs
t clk+
59
2.25
µs
t clk+
Max
+
235 ns
53 t clk
49 t clk
+
235 ns
53 t clk
Min
49 t clk
49 t clk
49 t clk
-7
-12,-24
CS5012A
CS5014
57 t clk
57 t clk
+
235 ns
61 t clk
57 t clk
72 t clk
N/A
72 t clk
67
2.25
µs
t clk+
Synchronous (Loopback)
Asynchronous
65 t clk
65 t clk
+
235 ns
69 t clk
65 t clk
80 t clk
N/A
80 t clk
75
2.25
µs
t clk+
Synchronous (Loopback)
Asynchronous
CS5016
Table 1. Conversion and Throughput Times (tclk = Master Clock Period)
CS5012A, CS5014, CS5016
2-20
DS14F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com