Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5014 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS5014
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5014 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS5014 Datasheet HTML 16Page - Cirrus Logic CS5014 Datasheet HTML 17Page - Cirrus Logic CS5014 Datasheet HTML 18Page - Cirrus Logic CS5014 Datasheet HTML 19Page - Cirrus Logic CS5014 Datasheet HTML 20Page - Cirrus Logic CS5014 Datasheet HTML 21Page - Cirrus Logic CS5014 Datasheet HTML 22Page - Cirrus Logic CS5014 Datasheet HTML 23Page - Cirrus Logic CS5014 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
Peaking in the reference’s output impedance can
occur because of capacitive loading at its output.
Any peaking that might occur can be reduced by
placing a small resistor in series with the capaci-
tors (Figure 10). The equation in Figure 10 can
be used to help calculate the optimum value of R
for a particular reference. The term "fpeak" is the
frequency of the peak in the output impedance of
the reference before the resistor is added.
The CS5012A/14/16 can operate with a wide
range of reference voltages, but signal-to-noise
performance is maximized by using as wide a
signal range as possible. The recommended refer-
ence voltage is between 2.5 and 4.5 V for the
CS5012A and 4.5 V for the CS5014/16. The
CS5012A/14/16 can actually accept reference
voltages up to the positive analog supply. How-
ever, the buffer’s offset may increase as the
reference voltage approaches VA+ thereby in-
creasing external drive requirements at VREF. A
4.5V reference is the maximum reference voltage
recommended. This allows 0.5V headroom for
the internal reference buffer. Also, the buffer en-
lists the aid of an external 0.1
µF ceramic
capacitor which must be tied between its output,
REFBUF, and the negative analog supply, VA-. For
more information on references, consult the applica-
tion note: Voltage References for the CS501X Se-
ries of A/D Converters. For an example of using
the CS5012A/14/16 with a 5 volt reference, see
the application note: A Collection of Application
Hints for the CS501X Series of A/D Converters.
Analog Input Connection
The analog input terminal functions similarly to
the VREF input after each conversion when
switching into the track mode. During the first
six CLKIN cycles in the track mode, the buffered
version of the analog input is used for pre-charg-
ing the capacitor array. An additional period is
required for fine-charging directly from AIN to
VREF
REFBUF
VA-
0.1
µF
-5V
R
29
28
30
ref
V
C1
1.0
µF
0.01
µF
C2
+Vee
CS5012A
CS5014
CS5016
1
R=
2
π (C1 + C2) fpeak
Figure 10. Reference Connections
Fine-Charge
Pre-Charge
Acquisition Time (us)
0.5
1.0
1.5
2.0
2.5
(Delay from EOC)
+12.5
0
-12.5
-25.0
+50
0
-50
-100
+200
0
-200
-400
CS5012A
CS5014
CS5016
Figure 11. Internal Acquisition Time
CS5012A, CS5014, CS5016
2-26
DS14F6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com