Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5014 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS5014
Description  16, 14 & 12-Bit, Self-Calibrating A/D Converters
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5014 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS5014 Datasheet HTML 38Page - Cirrus Logic CS5014 Datasheet HTML 39Page - Cirrus Logic CS5014 Datasheet HTML 40Page - Cirrus Logic CS5014 Datasheet HTML 41Page - Cirrus Logic CS5014 Datasheet HTML 42Page - Cirrus Logic CS5014 Datasheet HTML 43Page - Cirrus Logic CS5014 Datasheet HTML 44Page - Cirrus Logic CS5014 Datasheet HTML 45Page - Cirrus Logic CS5014 Datasheet HTML 46Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
NOTES:
1. POSITIONAL TOLERANCE OF LEADS SHALL BE WITHIN
0.13mm (0.005") AT MAXIMUM MATERIAL CONDITION, IN
RELATION TO SEATING PLANE AND EACH OTHER.
2. DIMENSION eA TO CENTER OF LEADS WHEN FORMED PARALLEL.
40 pin
CerDIP
1
40
21
20
E1
D
B
SEATING
PLANE
A
B1
e1
A1
L
C
eA
∝
∝
0.46
0.25
52.32
14.73
2.54
15.24
3.81
0.018
0.010
2.060
0.580
0.100
0.600
0.150
12.70
50.29
1.27
0.38
0.51
4.06
2.92
0.20
5°
2.41
15.11
15.37
52.57
1.65
0.56
1.27
5.84
4.06
0.30
15°
15.37
2.67
0.500
1.980
0.095
0.050
0.015
0.020
0.160
0.115
0.595
0.008
5°
0.605
2.070
0.065
0.022
0.050
0.230
0.160
0.012
15°
0.605
0.105
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
E1
D
e1
B1
B
A1
A
L
eA
C
∝
∝
NOM
NOM MAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com