Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1501 Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 31Page - Microchip Technology MCP1501 Datasheet HTML 32Page - Microchip Technology MCP1501 Datasheet HTML 33Page - Microchip Technology MCP1501 Datasheet HTML 34Page - Microchip Technology MCP1501 Datasheet HTML 35Page - Microchip Technology MCP1501 Datasheet HTML 36Page - Microchip Technology MCP1501 Datasheet HTML 37Page - Microchip Technology MCP1501 Datasheet HTML 38Page - Microchip Technology MCP1501 Datasheet HTML 39Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005474G-page 36
MCP1501
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.-
X
/XX
Package
Output Voltage
Option
Device
Device:
MCP1501 – 50 ppm maximum thermal drift buffered reference
Tape and Reel
Option:
Blank = Standard packaging (tube or tray)
T
= Tape and Reel (1)
Output Voltage
Option:
10
=
1.024V
12
=
1.250V
18
=
1.800V
20
=
2.048V
25
=
2.500V
30
=
3.000V
33
=
3.300V
40
=
4.096V
45
=
4.500V
50
=
5.000V
Package:
CHY*
=
6-Lead Plastic Small Outline Transistor (SOT-23)
SN
=
8-Lead Plastic Small Outline – Narrow, 3.90 mm
Body (SOIC)
RW
=
8-Lead Very, Very Thin Plastic Dual Flat, No Lead
Package – 2 x 2 mm Body (WDFN)
*Y
=
Nickel palladium gold manufacturing designator.
Only available on the SOT-23 package.
Examples:
a)
MCP1501T-10E/CHY: 1.024V, 6-lead SOT-23
package, Tape and Reel
b)
MCP1501-12E/SN:
1.2V, 8-lead SOIC package
c)
MCP1501T-18E/SN:
1.8V, 8-lead SOIC package,
Tape and Reel
d)
MCP1501T-20E/RW:
2.048V, 8-lead WDFN
package, Tape and Reel
Note 1:
Tape and Reel identifier only appears in
the catalog part number description.
This identifier is used for ordering pur-
poses and is not printed on the device
package. Check with your Microchip
sales office for package availability for
the Tape and Reel option.
[X](1)
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com