Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1501 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1501
Description  High-Precision Buffered Voltage Reference
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1501 Datasheet HTML 9Page - Microchip Technology MCP1501 Datasheet HTML 10Page - Microchip Technology MCP1501 Datasheet HTML 11Page - Microchip Technology MCP1501 Datasheet HTML 12Page - Microchip Technology MCP1501 Datasheet HTML 13Page - Microchip Technology MCP1501 Datasheet HTML 14Page - Microchip Technology MCP1501 Datasheet HTML 15Page - Microchip Technology MCP1501 Datasheet HTML 16Page - Microchip Technology MCP1501 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
 2015-2022 Microchip Technology Inc. and its subsidiaries
DS20005474G-page 13
MCP1501
Note: Unless otherwise specified, maximum values are: VDD(MIN) VDD  5.5V at TA = +25°C.
FIGURE 3-13:
Tempco Distribution, No
Load, VDD = 5.5V, 50 Units.
FIGURE 3-14:
VOUT Drift vs. Time,
TA = +25°C, No Load, 800 Units.
FIGURE 3-15:
MCP1501-10 VREF and
Load Regulation vs. Load Current.
FIGURE 3-16:
MCP1501-20 VREF and
Load Regulation vs. Load Current.
FIGURE 3-17:
MCP1501-40 VREF and
Load Regulation vs. Load Current.
FIGURE 3-18:
MCP1501 Output Voltage
Histogram, VDD =2.7V.
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
0.16
13579 11 13 15 17 19 21 23 25 27 29
Temperature Coefficient (ppm/ )
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
048
1008
Time (Hrs)
Average
-20
-15
-10
-5
0
5
10
15
20
1.023960
1.023970
1.023980
1.023990
1.024000
1.024010
1.024020
1.024030
1.024040
-30
-20
-10
0
102030
Load Current (mA)
V
REF
Load Regulation
-20
-15
-10
-5
0
5
10
15
20
2.047960
2.047970
2.047980
2.047990
2.048000
2.048010
2.048020
2.048030
2.048040
-30
-20
-10
0
10
20
30
Load Current (mA)
V
REF
Load Regulation
-20.0
-15.0
-10.0
-5.0
000.0
5.0
10.0
15.0
20.0
4.095780
4.095810
4.095840
4.095870
4.095900
4.095930
4.095960
4.095990
4.096020
4.096050
-30
-20
-10
0
10
20
30
Load Current (mA)
V
REF
Load Regulation
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
V
OUT (V)
+25°C
-40°C
+125°C
800 Units
VDD = 2.7V
MCP1501-25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com