Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD69 Datasheet(PDF) 60 Page - Renesas Technology Corp

Part # UPD69
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD69 Datasheet(HTML) 60 Page - Renesas Technology Corp

Back Button UPD69 Datasheet HTML 56Page - Renesas Technology Corp UPD69 Datasheet HTML 57Page - Renesas Technology Corp UPD69 Datasheet HTML 58Page - Renesas Technology Corp UPD69 Datasheet HTML 59Page - Renesas Technology Corp UPD69 Datasheet HTML 60Page - Renesas Technology Corp UPD69 Datasheet HTML 61Page - Renesas Technology Corp UPD69 Datasheet HTML 62Page - Renesas Technology Corp UPD69 Datasheet HTML 63Page - Renesas Technology Corp UPD69 Datasheet HTML 64Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
58
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
RECOMMENDED OSCILLATOR CONSTANT
Ceramic Resonator (TA = –40 to +85
°C) (Without On-Chip Capacitor for Oscillator Specified by Mask Option)
Manufacturer
Part Number
Frequency Recommended Constant (pF)
Oscillation Voltage Range (VDD)
Remark
(MHz)
C1
C2
MIN.
MAX.
Murata Mfg.
CSTLS3M50G53-B0
3.5
Unnecessary (on-chip C type)
2.0
3.6
–
Co., Ltd.
CSTLS3M50G56-B0
CSALA4M00G55-B0
4.0
30
30
CSTLS4M00G53-B0
Unnecessary (on-chip C type)
CSTLS4M00G56-B0
CSTLS4M50G53-B0
4.5
CSTLS4M50G56-B0
TDK
FCR3.52MC5
3.52
Unnecessary (on-chip C type)
FCR4.0MC5
4.0
Kyocera
KBR-3.64MKE
3.64
Unnecessary (on-chip C type)
KBR-3.64MSE
33
33
KBR-4.0MKE
4.0
Unnecessary (on-chip C type)
KBR-4.0MSE
33
33
External circuit example
Caution These oscillator constants are reference values based on evaluation by the manufacturer of
the resonator under a specific environment .
If optimization of the oscillator characteristics is required for the actual application, apply to
the resonator manufacturer for evaluation on the mounting circuit.
The oscillation voltage and oscillation frequency only indicate the oscillator characteristics;
the oscillator must be used within the ratings of the DC and AC characteristics specified under
the internal operation conditions of the
µPD67, 67A, 68, 68A, and 69 .
Remark The incorporation of the oscillation capacitor by a mask option is under evaluation.
XIN
XOUT
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com