Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD69 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD69
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD69 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD69 Datasheet HTML 17Page - Renesas Technology Corp UPD69 Datasheet HTML 18Page - Renesas Technology Corp UPD69 Datasheet HTML 19Page - Renesas Technology Corp UPD69 Datasheet HTML 20Page - Renesas Technology Corp UPD69 Datasheet HTML 21Page - Renesas Technology Corp UPD69 Datasheet HTML 22Page - Renesas Technology Corp UPD69 Datasheet HTML 23Page - Renesas Technology Corp UPD69 Datasheet HTML 24Page - Renesas Technology Corp UPD69 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
19
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
3.4 Control Register 1 (P4)
Control register 1 consists of 8 bits. The contents that can be controlled are as shown below.
After reset, the register becomes 0010 0110B.
Table 3-5. Control Register 1 (P4)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
—
—
KI
S0/S1
S2
S1/LED
KI/O
S0
Pull-down Pull-down STOP release mode
mode
mode
Setting
0
Fixed
Fixed
OFF
OFF
Disable
S1
IN
OFF
1
to 0
to 0
ON
ON
Enable
LED
OUT
IN
After reset
00100110
b0: Specifies the input mode of the S0 port. 0 = OFF mode (high impedance); 1 = IN (input mode).
b1: Specifies the I/O mode of the KI/O port.
0 = IN (input mode); 1 = OUT (output mode).
b2: Specifies the I/O mode of the S1/LED port. 0 = S1 (input mode); 1 = LED (output mode).
b3: Specified the use of STOP mode release by S2 port (with/without pull-down resistor). 0 = disable (without
pull-down); 1 = enable (with pull-down).
b4: Specifies the use of a pull-down resistor in S0/S1 port input mode. 0 = OFF (not used);
1 = ON (used)
b5: Specifies the use of a pull-down resistor for the KI port. 0 = OFF (not used);
1 = ON (used).
Remark In output mode or in OFF mode, all the pull-down resistors are automatically disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com