Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC4BC40F Datasheet(PDF) 3 Page - International Rectifier

Part # IRC4BC40F
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRC4BC40F Datasheet(HTML) 3 Page - International Rectifier

  IRC4BC40F Datasheet HTML 1Page - International Rectifier IRC4BC40F Datasheet HTML 2Page - International Rectifier IRC4BC40F Datasheet HTML 3Page - International Rectifier IRC4BC40F Datasheet HTML 4Page - International Rectifier IRC4BC40F Datasheet HTML 5Page - International Rectifier IRC4BC40F Datasheet HTML 6Page - International Rectifier IRC4BC40F Datasheet HTML 7Page - International Rectifier IRC4BC40F Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4BC40F
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1000
5
6
7
8
9
10
11
12
GE
T = 25°C
T = 150°C
J
J
V
, Gate-to-Emitter Voltage (V)
A
V
= 50V
5µs PULSE WIDTH
CC
1
10
100
1000
1
10
CE
V
, C ollec to r-to-E m itter V oltage (V )
T = 15 0°C
T = 25°C
J
J
V
= 15V
20µs PU LSE W ID TH
GE
A
0
10
20
30
40
50
60
0.1
1
1 0
1 0 0
f, Frequency (kHz)
A
60 % of ra t e d
vo l ta g e
I
Ideal diodes
S qua re wave :
F o r both :
D u ty cycle : 5 0%
T
= 125 °C
T
= 9 0°C
G a te driv e as spec ifie d
sin k
J
T ria ng ula r w a ve :
I
C lam p vo l t age:
80 % o f ra t e d
P o w e r D is s ip a t ion = 28 W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com