Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC4BC40F Datasheet(PDF) 5 Page - International Rectifier

Part # IRC4BC40F
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRC4BC40F Datasheet(HTML) 5 Page - International Rectifier

  IRC4BC40F Datasheet HTML 1Page - International Rectifier IRC4BC40F Datasheet HTML 2Page - International Rectifier IRC4BC40F Datasheet HTML 3Page - International Rectifier IRC4BC40F Datasheet HTML 4Page - International Rectifier IRC4BC40F Datasheet HTML 5Page - International Rectifier IRC4BC40F Datasheet HTML 6Page - International Rectifier IRC4BC40F Datasheet HTML 7Page - International Rectifier IRC4BC40F Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRG4BC40F
www.irf.com
5
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
0
4
8
12
16
20
0
2 0
4 0
6 0
8 0
100
120
g
Q , Total Gate Charge (nC)
A
V
= 400V
I
= 27A
CE
C
0.1
1
10
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140
160
A
T , Junction Temperature (°C)
J
R
= 10
Ω
V
= 15V
V
= 480V
I
= 14A
I
= 27A
I
= 54A
G
GE
CC
C
C
C
2.10
2.20
2.30
2.40
2.50
2.60
0
1 02 03 0
4 05 06 0
A
V
= 480V
V
= 15V
T
= 25°C
I
= 27A
R
, G ate Resistance
(Ω)
CC
GE
J
C
G
0
1000
2000
3000
4000
1
1 0
100
CE
V
, Collector-to-Em itter Voltage (V)
A
C ies
Cres
C oe s
VGE = 0V
f = 1 MHz
Cies = Cge + Cgc + Cce
SHORTED
Cres = Cce
Coes = Cce + Cgc



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com