Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRC4BC40F Datasheet(PDF) 4 Page - International Rectifier

Part # IRC4BC40F
Description  INSULATED GATE BIPOLAR TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRC4BC40F Datasheet(HTML) 4 Page - International Rectifier

  IRC4BC40F Datasheet HTML 1Page - International Rectifier IRC4BC40F Datasheet HTML 2Page - International Rectifier IRC4BC40F Datasheet HTML 3Page - International Rectifier IRC4BC40F Datasheet HTML 4Page - International Rectifier IRC4BC40F Datasheet HTML 5Page - International Rectifier IRC4BC40F Datasheet HTML 6Page - International Rectifier IRC4BC40F Datasheet HTML 7Page - International Rectifier IRC4BC40F Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRG4BC40F
4
www.irf.com
Fig. 6 - Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig. 5 - Typical Collector-to-Emitter Voltage
vs. Junction Temperature
Fig. 4 - Maximum Collector Current vs. Case
Temperature
0
10
20
30
40
50
25
50
75
100
125
150
T
, C ase Tem perature (°C)
C
V
= 15 V
GE
1.0
1.5
2.0
2.5
- 6 0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
100
120
140
160
V
= 15V
80µs PULSE WIDTH
GE
A
T , Junction Temperature (°C)
J
I
= 54A
I
= 27A
I
= 14A
C
C
C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
t , R ectangular Pulse Duration (sec)
1
D = 0.50
0.0 1
0.0 2
0.05
0.1 0
0.2 0
S IN G LE P UL S E
(T HE RM A L RE S P O NS E )
P
t
2
1
t
DM
N o te s:
1 . D u ty fa c to r D = t
/ t
2 . P e a k T = P
x Z
+ T
1
2
J
DM
th J C
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com