Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 145Page - STMicroelectronics ST72340 Datasheet HTML 146Page - STMicroelectronics ST72340 Datasheet HTML 147Page - STMicroelectronics ST72340 Datasheet HTML 148Page - STMicroelectronics ST72340 Datasheet HTML 149Page - STMicroelectronics ST72340 Datasheet HTML 150Page - STMicroelectronics ST72340 Datasheet HTML 151Page - STMicroelectronics ST72340 Datasheet HTML 152Page - STMicroelectronics ST72340 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 191 page
background image
ST72340, ST72344, ST72345
149/191
12.2 INSTRUCTION GROUPS
The ST7 family devices use an Instruction Set
consisting of 63 instructions. The instructions may
be subdivided into 13 main groups as illustrated in
the following table:
Using a prebyte
The instructions are described with 1 to 4 bytes.
In order to extend the number of available op-
codes for an 8-bit CPU (256 opcodes), three differ-
ent prebyte opcodes are defined. These prebytes
modify the meaning of the instruction they pre-
cede.
The whole instruction becomes:
PC-2 End of previous instruction
PC-1 Prebyte
PC
Opcode
PC+1 Additional word (0 to 2) according to the
number of bytes required to compute the
effective address
These prebytes enable instruction in Y as well as
indirect addressing modes to be implemented.
They precede the opcode of the instruction in X or
the instruction using direct addressing mode. The
prebytes are:
PDY 90 Replace an X based instruction using
immediate, direct, indexed, or inherent
addressing mode by a Y one.
PIX 92
Replace an instruction using direct, di-
rect bit or direct relative addressing
mode to an instruction using the corre-
sponding indirect addressing mode.
It also changes an instruction using X
indexed addressing mode to an instruc-
tion using indirect X indexed addressing
mode.
PIY 91
Replace an instruction using X indirect
indexed addressing mode by a Y one.
12.2.1 Illegal Opcode Reset
In order to provide enhanced robustness to the de-
vice against unexpected behavior, a system of ille-
gal opcode detection is implemented. If a code to
be executed does not correspond to any opcode
or prebyte value, a reset is generated. This, com-
bined with the Watchdog, allows the detection and
recovery from an unexpected fault or interference.
Note: A valid prebyte associated with a valid op-
code forming an unauthorized combination does
not generate a reset.
Load and Transfer
LD
CLR
Stack operation
PUSH
POP
RSP
Increment/Decrement
INC
DEC
Compare and Tests
CP
TNZ
BCP
Logical operations
AND
OR
XOR
CPL
NEG
Bit Operation
BSET
BRES
Conditional Bit Test and Branch
BTJT
BTJF
Arithmetic operations
ADC
ADD
SUB
SBC
MUL
Shift and Rotates
SLL
SRL
SRA
RLC
RRC
SWAP
SLA
Unconditional Jump or Call
JRA
JRT
JRF
JP
CALL
CALLR
NOP
RET
Conditional Branch
JRxx
Interruption management
TRAP
WFI
HALT
IRET
Condition Code Flag modification
SIM
RIM
SCF
RCF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com