Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 1 Page - STMicroelectronics

  ST72340 Datasheet HTML 1Page - STMicroelectronics ST72340 Datasheet HTML 2Page - STMicroelectronics ST72340 Datasheet HTML 3Page - STMicroelectronics ST72340 Datasheet HTML 4Page - STMicroelectronics ST72340 Datasheet HTML 5Page - STMicroelectronics ST72340 Datasheet HTML 6Page - STMicroelectronics ST72340 Datasheet HTML 7Page - STMicroelectronics ST72340 Datasheet HTML 8Page - STMicroelectronics ST72340 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 191 page
background image
Rev. 2
October 2006
1/191
ST72340, ST72344, ST72345
8-BIT MCU WITH UP TO 16K FLASH MEMORY,
10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
Memories
– up to 16 Kbytes Program memory: Single volt-
age extended Flash (XFlash) with read-out
and write protection, In-Circuit and In-Applica-
tion Programming (ICP and IAP). 10K write/
erase cycles guaranteed, data retention: 20
years at 55°C.
– up to 1 Kbyte RAM
– 256 bytes data EEPROM with read-out pro-
tection. 300K write/erase cycles guaranteed,
data retention: 20 years at 55°C.
Clock, Reset and Supply Management
– Power On / Power Off safe reset with 3 pro-
grammable threshold levels (LVD)
– Auxiliary Voltage Detector (AVD)
– Clock sources: crystal/ceramic resonator os-
cillators, high-accuracy internal RC oscillator
or external clock
– PLL for 4x or 8x frequency multiplication
– 5 Power Saving Modes: Slow, Wait, Halt,
Auto-Wakeup from Halt and Active Halt
– Clock output capability (fCPU)
Interrupt Management
– Nested interrupt controller
– 10 interrupt vectors plus TRAP and RESET
– 9 external interrupt lines on 4 vectors
Up to 34 I/O Ports
– up to 34 multifunctional bidirectional I/O lines
– up to 12 high sink outputs (10 on 32-pin devic-
es)
4 Timers
– Configurable window watchdog timer
– Realtime base
– 16-bit timer A with: 1 input capture, 1 output
compares, external clock input, PWM and
Pulse generator modes
– 16-bit timer B with: 2 input captures, 2 output
compares, PWM and Pulse generator modes
3 Communication Interfaces
–I2C Multi Master / Slave
–I2C Slave 3 Addresses No Stretch with DMA
access and Byte Pair Coherency on I²C Read
– SCI asynchronous serial interface (LIN com-
patible)
– SPI synchronous serial interface
1 Analog peripheral
– 10-bit ADC with 12 input channels (8 on 32-
pin devices)
Instruction Set
– 8-bit data manipulation
– 63 basic instructions with illegal opcode de-
tection
– 17 main addressing modes
– 8 x 8 unsigned multiply instruction
Development tools
– Full hardware/software development package
– On-Chip Debug Module
Device Summary
LQFP32
7 x 7
LQFP44
10 x 10
LQFP48
7 x 7
Features
ST72F340
ST72F344
ST72F345
Program memory - bytes
8K
16K
8K
16K
16K
RAM (stack) - bytes
512 (256)
1K (256)
512 (256)
1K (256)
1K (256)
EEPROM data - bytes
256
256
256
256
256
Common peripherals
Window Watchdog, 2 16-bit Timers, SCI, SPI, I2CMMS
Other peripherals
-
10-bit ADC
I2C3SNS, 10-bit ADC
Int high-accuracy 1MHz RC
Not present
Present
Present
CPU Frequency
8MHz @ 3.3V to 5.5V, 4MHz @ 2.7V to 5.5V
Temperature Range
-40°C to +85 °C
Package
LQFP32 7x7, LQFP44 10x10
LQFP48 7x7
1


Similar Part No. - ST72340

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72344K2 STMICROELECTRONICS-ST72344K2 Datasheet
1Mb / 247P
SCI asynchronous serial interface
July 2012 Rev 6
ST72344K4 STMICROELECTRONICS-ST72344K4 Datasheet
1Mb / 247P
SCI asynchronous serial interface
July 2012 Rev 6
ST72344S2 STMICROELECTRONICS-ST72344S2 Datasheet
1Mb / 247P
SCI asynchronous serial interface
July 2012 Rev 6
ST72344S4 STMICROELECTRONICS-ST72344S4 Datasheet
1Mb / 247P
SCI asynchronous serial interface
July 2012 Rev 6
ST72344XX STMICROELECTRONICS-ST72344XX Datasheet
1Mb / 247P
SCI asynchronous serial interface
July 2012 Rev 6
More results

Similar Description - ST72340

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
Rev. 2.2
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
07-Aug-2003
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
Rev. 1.8
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
Apr-2002
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Sep-1999
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
Apr-2003
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
Jun-2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com