Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 32 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 28Page - STMicroelectronics ST72340 Datasheet HTML 29Page - STMicroelectronics ST72340 Datasheet HTML 30Page - STMicroelectronics ST72340 Datasheet HTML 31Page - STMicroelectronics ST72340 Datasheet HTML 32Page - STMicroelectronics ST72340 Datasheet HTML 33Page - STMicroelectronics ST72340 Datasheet HTML 34Page - STMicroelectronics ST72340 Datasheet HTML 35Page - STMicroelectronics ST72340 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 191 page
background image
ST72340, ST72344, ST72345
32/191
RESET SEQUENCE MANAGER (Cont’d)
The RESET pin is an asynchronous signal which
plays a major role in EMS performance. In a noisy
environment, it is recommended to follow the
guidelines mentioned in the electrical characteris-
tics section.
If the external RESET pulse is shorter than
tw(RSTL)out (see short ext. Reset in Figure 17), the
signal on the RESET pin may be stretched. Other-
wise the delay will not be applied (see long ext.
Reset in Figure 17). Starting from the external RE-
SET pulse recognition, the device RESET pin acts
as an output that is pulled low during at least
tw(RSTL)out.
7.4.3 External Power-On RESET
If the LVD is disabled by option byte, to start up the
microcontroller correctly, the user must ensure by
means of an external reset circuit that the reset
signal is held low until VDD is over the minimum
level specified for the selected fOSC frequency.
(see “OPERATING CONDITIONS” on page 154)
A proper reset signal for a slow rising VDD supply
can generally be provided by an external RC net-
work connected to the RESET pin.
7.4.4 Internal Low Voltage Detector (LVD)
RESET
Two different RESET sequences caused by the in-
ternal LVD circuitry can be distinguished:
Power-On RESET
Voltage Drop RESET
The device RESET pin acts as an output that is
pulled low when VDD<VIT+ (rising edge) or
VDD<VIT- (falling edge) as shown in Figure 17.
The LVD filters spikes on VDD larger than tg(VDD) to
avoid parasitic resets.
Note:
It is recommended to make sure that the VDD sup-
ply voltage rises monotonously when the device is
exiting from Reset, to ensure the application func-
tions properly.
7.4.5 Internal Watchdog RESET
The RESET sequence generated by a internal
Watchdog counter overflow is shown in Figure 17.
Starting from the Watchdog counter underflow, the
device RESET pin acts as an output that is pulled
low during at least tw(RSTL)out.
Figure 17. RESET Sequences
VDD
RUN
RESET PIN
EXTERNAL
WATCHDOG
ACTIVE PHASE
VIT+(LVD)
VIT-(LVD)
th(RSTL)in
tw(RSTL)out
RUN
th(RSTL)in
ACTIVE
WATCHDOG UNDERFLOW
tw(RSTL)out
RUN
RUN
RUN
RESET
RESET
SOURCE
SHORT EXT.
RESET
LVD
RESET
LONG EXT.
RESET
WATCHDOG
RESET
INTERNAL RESET (256 or 4096 TCPU)
VECTOR FETCH
tw(RSTL)out
PHASE
ACTIVE
PHASE
ACTIVE
PHASE
DELAY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com