Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72340 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST72340
Description  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
PDF  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72340 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST72340 Datasheet HTML 31Page - STMicroelectronics ST72340 Datasheet HTML 32Page - STMicroelectronics ST72340 Datasheet HTML 33Page - STMicroelectronics ST72340 Datasheet HTML 34Page - STMicroelectronics ST72340 Datasheet HTML 35Page - STMicroelectronics ST72340 Datasheet HTML 36Page - STMicroelectronics ST72340 Datasheet HTML 37Page - STMicroelectronics ST72340 Datasheet HTML 38Page - STMicroelectronics ST72340 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 191 page
background image
ST72340, ST72344, ST72345
35/191
SYSTEM INTEGRITY MANAGEMENT (Cont’d)
7.5.3 Low Power Modes
7.5.3.1 Interrupts
The AVD interrupt event generates an interrupt if
the corresponding AVDIE Bit is set and the inter-
rupt mask in the CC register is reset (RIM instruc-
tion).
7.5.4 Register Description
SYSTEM INTEGRITY (SI) CONTROL/STATUS
REGISTER (SICSR)
Read/Write
Reset Value: 000x 000x (xxh)
Bit 7 = Reserved, must be kept cleared.
Bit 6 = AVDIE Voltage Detector interrupt enable
This bit is set and cleared by software. It enables
an interrupt to be generated when the AVDF flag
goes from 0 to 1. The pending interrupt information
is automatically cleared when software enters the
AVD interrupt routine.
0: PDVD interrupt disabled
1: PDVD interrupt enabled
Bit 5 = AVDF Voltage Detector flag
This read-only bit is set and cleared by hardware.
If the AVDIE bit is set, an interrupt request is gen-
erated when the AVDF bit goes from 0 to 1. Refer
to Figure 19 and to Section 7.5.2 for additional de-
tails.
0: VDD over VIT+(AVD) threshold
1: VDD under VIT-(AVD) threshold
Bit 4 = LVDRF LVD reset flag
This bit indicates that the last Reset was generat-
ed by the LVD block. It is set by hardware (LVD re-
set) and cleared by software (writing zero). See
WDGRF flag description for more details. When
the LVD is disabled by OPTION BYTE, the LVDRF
bit value is undefined.
Bit 3 = LOCKED PLL Locked Flag
This bit is set and cleared by hardware. It is set au-
tomatically when the PLL reaches its operating fre-
quency.
0: PLL not locked
1: PLL locked
Bits 2:1 = Reserved, must be kept cleared.
Bit 0 = WDGRF Watchdog reset flag
This bit indicates that the last Reset was generat-
ed by the Watchdog peripheral. It is set by hard-
ware (watchdog reset) and cleared by software
(writing zero) or an LVD Reset (to ensure a stable
cleared state of the WDGRF flag when CPU
starts).
Combined with the LVDRF flag information, the
flag description is given by the following table.
Application notes
The LVDRF flag is not cleared when another RE-
SET type occurs (external or watchdog), the
LVDRF flag remains set to keep trace of the origi-
nal failure.
In this case, a watchdog reset can be detected by
software while an external reset can not.
CAUTION: When the LVD is not activated with the
associated option byte, the WDGRF flag can not
be used in the application.
Mode
Description
WAIT
No effect on SI. AVD interrupts cause the
device to exit from Wait mode.
HALT
The SICSR register is frozen.
Interrupt Event
Event
Flag
Enable
Control
Bit
Exit
from
Wait
Exit
from
Halt
AVD event
AVDF
AVDIE
Yes
No
70
0
PDVD
IE
AVD
F
LVD
RF
LOC
KED
00
WDG
RF
RESET Sources
LVDRF
WDGRF
External RESET pin
0
0
Watchdog
0
1
LVD
1
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com