Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-5410-R01 Datasheet(PDF) 78 Page - STMicroelectronics

Part # STV-5410-R01
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-5410-R01 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button STV-5410-R01 Datasheet HTML 74Page - STMicroelectronics STV-5410-R01 Datasheet HTML 75Page - STMicroelectronics STV-5410-R01 Datasheet HTML 76Page - STMicroelectronics STV-5410-R01 Datasheet HTML 77Page - STMicroelectronics STV-5410-R01 Datasheet HTML 78Page - STMicroelectronics STV-5410-R01 Datasheet HTML 79Page - STMicroelectronics STV-5410-R01 Datasheet HTML 80Page - STMicroelectronics STV-5410-R01 Datasheet HTML 81Page - STMicroelectronics STV-5410-R01 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 105 page
background image
VV5410 & VV6410
Serial Control Bus
cd5410-6410f-3-0.fm
Commercial in confidence
78/105
[112 - 113],
[70-71] - Black Pixel Offset
[114],
[72] - Black Pixel Cancellation Setup Register
[115],
[73] - unused
[116],
[74] - reserved
[117 - 118],
[75-76] - Control Registers 0 and 1- CR0 and CR1
Although we give the user access to the following 5registers it is not anticipated that the contents of these registers will have to be
altered. If the user does wish to alter any of the register bits then they are strongly advised to contact VIBU before doing so.
Bit
Function
Default
Comment
2:0
MS Black line pixel offset
- 64
This register contains a fixed offset that can be applied to
the digitised pixels in the digital output coding block.The
offset is a 2’s complement number, giving an offset range
-1024,+1023.
If this external offset cancellation is to be applied then it
register[114], bits[1:0] should be reprogrammed to 2’b1x.
7:0
LS Black line pixel offset
Table 51 : [112 - 113],
[70-71] - Black Pixel Offset
Bit
Function
Default
Comment
1:0
Black line offset cancellation
01
x0 - Accumulate black pixels, calculate
black pixel average and report, but don’t
apply anything to data stream
01 - Accumulate black pixels, calculate
black pixel average and report and apply
internally calculated offset to data stream
11 - Accumulate black pixels, calculate
black pixel average and report, but apply an
externally calculated offset
4:2
reserved
100
The time constant controls the rate at which
a change in the black level is corrected for.
5
Use narrow black offset deadband
Yes/No
1
The deadband describes a range of pixel
averages that will cause the leaky integrator
algorithm to hold it’s current value.
0 - Target +/- 4 codes
1 - Target +/- 2 codes
7:6
unused
00
Table 52 : [114],
[72] - Black offset cancellation setup
Bit
Function
Default
Comment
0
Enable bit line clamp
Off/On
0
1
Enable bit line test
Off/On
0
Table 53 : [117],
[75] - Control Register CR0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com