Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-5410-R01 Datasheet(PDF) 81 Page - STMicroelectronics

Part # STV-5410-R01
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-5410-R01 Datasheet(HTML) 81 Page - STMicroelectronics

Back Button STV-5410-R01 Datasheet HTML 77Page - STMicroelectronics STV-5410-R01 Datasheet HTML 78Page - STMicroelectronics STV-5410-R01 Datasheet HTML 79Page - STMicroelectronics STV-5410-R01 Datasheet HTML 80Page - STMicroelectronics STV-5410-R01 Datasheet HTML 81Page - STMicroelectronics STV-5410-R01 Datasheet HTML 82Page - STMicroelectronics STV-5410-R01 Datasheet HTML 83Page - STMicroelectronics STV-5410-R01 Datasheet HTML 84Page - STMicroelectronics STV-5410-R01 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 105 page
background image
CMOS Sensor; Customer Datasheet, Rev 3.0, 28 September 2000
VV5410 & VV6410
Commercial in confidence
81/105
cd5410-6410f-3-0.fm
[120],
[78] - Analog Test Register AT0
[121],
[79] - Audio Amplifier Setup Register AT1
[122-125]
,[7A-7D] - unused
[126-127]
,[7E-7F] - reserved
Bit
Function
Default
Comment
0
SRAM test enable
Off/On
0
2:1
VRT Voltage
2.2V / 2.5V / 2.8V / Ext.
00
00 - VRT = 2.2V
01 - VRT = 2.5V
10 - VRT = 2.8V
11 - reserved
4:3
LineInt & ReadInt phasing
00
00- 0 degree phase delay
01 - 90 degree phase delay
10 - 180 degree phase delay
11 - 270 degree phase delay
7:5
unused
000
Table 56 : [120],
[78] - Analog Test Register AT0
Bit
Function
Default
Comments
0
First stage gain
1
0 - 0dB
1 - 30dB
1
Second stage gain[1]
0
gain[1] gain[0] - gain(dB)
0 0 - 0dB
0 1 - 6dB
1 0 - 12dB
1 1 - 18dB
2
Second stage gain[0]
0
3
Power Down
1
0 - Powered up
1 - Power down
4
Output Select
0
0 - Single ended
1 - Differential
5
Current Boost
0
0 - 1mA output drive in output buffers
1 - 2mA output drive in output buffers
7:6
Unused
00
Table 57 : [121],
[79] - Audio Amplifier Setup Register AT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com