Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-5410-R01 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STV-5410-R01
Description  Mono and Colour Digital Video CMOS Image Sensors
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-5410-R01 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STV-5410-R01 Datasheet HTML 18Page - STMicroelectronics STV-5410-R01 Datasheet HTML 19Page - STMicroelectronics STV-5410-R01 Datasheet HTML 20Page - STMicroelectronics STV-5410-R01 Datasheet HTML 21Page - STMicroelectronics STV-5410-R01 Datasheet HTML 22Page - STMicroelectronics STV-5410-R01 Datasheet HTML 23Page - STMicroelectronics STV-5410-R01 Datasheet HTML 24Page - STMicroelectronics STV-5410-R01 Datasheet HTML 25Page - STMicroelectronics STV-5410-R01 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 105 page
background image
VV5410 & VV6410
Exposure Control
cd5410-6410f-3-0.fm
Commercial in confidence
22/105
note: The relationship between the programmed gain value as written to register[36] and the igain (current gain) and
cgain (capacitive gain) is as follows:
igain
If mode_select[24], bit 1 is set then igain[3:0] is the inverse of gain[3:0], i.e. if gain[3:0] = 6, igain[3:0] = 9.
If mode_select[24], bit 1 is reset then igain[3:0] is the inverse of the mirror of gain[3:0], i.e. bit 3 of igain is the inverse of bit 0 of
gain, i.e. gain = 4 and igain = 13.
cgain
cgain is a 6 bit value therefore we have to pad the 4 bits of the gain register. In 10bit modes cgain[1:0] is fixed at 2’b11 and
cgain[5:2] is set to gain[7:4]. In the 9bit modes cgain[1:0] is also set to 2’b11, however cgain[5:2] is set to gain[7:4] divided by 2,
thus gain[7:4] = 4’b1111 gives cgain[5:0] = 6’b011111.
6.2.1
Recommended Gain Settings
To ensure optimum sensor performance it is recommended that the igain setting, controlled by the ls nibble of serial
register[3610], be limited to 12.
6.3
Clock Division
Although the clock divisor register is an 8 bit register the user only has write access to the lower 4 bits as described above. The
upper 4 bits of the register are altered automatically when the video mode is changed by writing to Setup0[16] register. The upper
4 bits are pre-programmed as follows:
10bit ADC mode
9bit ADC mode
gain[7:0]
igain[3:0]
cgain[5:0]
Overall
Gain
gain[7:0]
igain[3:0]
cgain[5:0]
Overall
Gain
8’hfe
1 (00012)
63
8.000
8’hfe
1 (00012)
31
8.000
8’hfd
2 (00102)
63
5.333
8’hfd
2 (00102)
31
5.333
8’fc
3 (00112)
63
4.000
8’fc
3 (00112)
31
4.000
8’hfb
4 (01002)
63
3.200
8’hfb
4 (01002)
31
3.200
8’hfa
5 (01012)
63
2.667
8’hfa
5 (01012)
31
2.667
8’hf9
6 (01102)
63
2.2857
8’hf9
6 (01102)
31
2.2857
8’hf8
7 (01112)
63
2.0000
8’hf8
7 (01112)
31
2.0000
8’hf7
8 (10002)
63
1.7778
8’hf7
8 (10002)
31
1.7778
8’hf6
9 (10012)
63
1.6000
8’hf6
9 (10012)
31
1.6000
8’hf5
10 (10102)
63
1.4545
8’hf5
10 (10102)
31
1.4545
8’hf4
11 (10112)
63
1.3333
8’hf4
11 (10112)
31
1.3333
8’hf3
12 (11002)
63
1.2308
8’hf3
12 (11002)
31
1.2308
8’hf2
13 (11012)
63
1.1429
8’hf2
13 (11012)
31
1.1429
8’hf1
14 (11102)
63
1.0667
8’hf1
14 (11102)
31
1.0667
8’hf0
15 (11112)
63
1.0000
8’hf0
15 (11112)
31
1.0000
Table 7 : Analogue Gain Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com