Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC608B Datasheet(PDF) 22 Page - Microchip Technology

Part # ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Datasheet(HTML) 22 Page - Microchip Technology

Back Button ATECC608B Datasheet HTML 18Page - Microchip Technology ATECC608B Datasheet HTML 19Page - Microchip Technology ATECC608B Datasheet HTML 20Page - Microchip Technology ATECC608B Datasheet HTML 21Page - Microchip Technology ATECC608B Datasheet HTML 22Page - Microchip Technology ATECC608B Datasheet HTML 23Page - Microchip Technology ATECC608B Datasheet HTML 24Page - Microchip Technology ATECC608B Datasheet HTML 25Page - Microchip Technology ATECC608B Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
© 2017 Microchip Technology Inc.
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1.
2.
Pin 1 visual index feature may vary, but must be located within the hatched area.
Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-21303 Rev A Sheet 2 of 2
3-Lead Contact Package (LAB) - 6.54x2.5 mm Body [Contact]
Atmel Legacy Global Package Code RHB
Number of Terminals
Overall Height
Terminal Width
Overall Width
Terminal Length
Pitch
Standoff
Units
Dimension Limits
A1
A
b
e
L
E
N
2.00 BSC
2.10
1.60
0.45
0.00
1.70
2.20
0.50
0.02
2.50 BSC
MILLIMETERS
MIN
NOM
3
2.30
1.80
0.55
0.05
MAX
K
0.30 REF
Terminal-to-Terminal Spacing
Overall Length
D
6.50 BSC
f
0.40
0.30
0.50
Package Edge to Terminal Edge
g
0.15
0.05
0.25
Package Edge to Terminal Edge
ATECC608B
Package Drawings
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com