Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATECC608B Datasheet(PDF) 12 Page - Microchip Technology

Part # ATECC608B
Description  CryptoAuthentication™ Device Summary Data Sheet
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATECC608B Datasheet(HTML) 12 Page - Microchip Technology

Back Button ATECC608B Datasheet HTML 8Page - Microchip Technology ATECC608B Datasheet HTML 9Page - Microchip Technology ATECC608B Datasheet HTML 10Page - Microchip Technology ATECC608B Datasheet HTML 11Page - Microchip Technology ATECC608B Datasheet HTML 12Page - Microchip Technology ATECC608B Datasheet HTML 13Page - Microchip Technology ATECC608B Datasheet HTML 14Page - Microchip Technology ATECC608B Datasheet HTML 15Page - Microchip Technology ATECC608B Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
3.
Compatibility
3.1
Microchip ATECC608A
The ATECC608B is designed to provide an enhanced security profile over that of the ATECC608A while maintaining
backwards compatibility. The following details the changes and enhancements to the device. No configuration bit
fields have changed. Configurations defined for the ATECC608A will be functionally identical with the ATECC608B
device.
Corrections, Enhancements
The following items have been corrected or enhanced in the ATECC608B device:
• Two temperature ranges are now available:
– Standard Industrial Temperature Range: -40℃ to +85℃
– Standard Industrial Temperature Range: -40℃ to +100℃
• Operating at a low I2C Frequency with multiple devices on the bus will no longer create a bus contention issue.
• Modifications to Command Timings for Verify, SecureBoot, Lock and Read commands.
• New Packaging Options: 3-Lead Contact Package and WLCSP for qualified customers. (Contact Microchip
Sales for the WLCSP Option.)
3.2
Microchip ATECC508A
The ATECC608B is designed to be fully compatible with the ATECC508A devices with the limited exception of the
functions listed below. If the ATECC608B is properly configured, software written for the ATECC508A will work with
the ATECC608B without any required changes, again with the exception of the functions listed below.
Note:  Most elements of the configuration zone in the ATECC608B are identical in both location and value with the
ATECC508A. However, the initial values that had been stored in the LastKeyUse field may need to be changed to
conform to the new definition of those bytes which can be found in this document. That field contained the initial
count for the Slot 15 limited use function which is supported in the ATECC608B via the monotonic counters.
CAUTION
The execution times of commands have changed between the ATECC608B and the ATECC508A. These
changes will not cause an issue if polling has been implemented. If fixed timing has been used, this must
be evaluated and updated as required.
New Features in ATECC608B vs. ATECC508A
• Secure boot function with IO encryption and authentication
• KDF command, supporting PRF, HKDF, AES
• AES command, including encrypt/decrypt
• GFM calculation function for GCM AEAD mode of AES
• Updated NIST SP800-90 A/B/C Random Number Generator
• Flexible SHA/HMAC command with context save/restore
• SHA command execution time significantly reduced
• Volatile Key Permitting to prevent device transfer
• Transport Key Locking to protect programmed devices during delivery
• Counter Limit Match function
• Ephemeral key generation in SRAM, also supported with ECDH and KDF
• Verify command output can be validated with a MAC
• Encrypted output for ECDH
ATECC608B
Compatibility
© 2020 Microchip Technology Inc.
Summary Datasheet
DS40002239A-page 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com