Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP1-DC24V-R Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # DSP1-DC24V-R
Description  MINIATURE POWER RELAY IN DS RELAY SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DSP1-DC24V-R Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  DSP1-DC24V-R Datasheet HTML 1Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 2Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 3Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 4Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DSP
235
TYPES AND COIL DATA (at 20
°C 68°F)
Single side stable
2 coil latching
Note: Insert 1a, 1 or 2a in, 2 u for contact form required.
Type
Part No.
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current, mA
Nominal
operating
power, mW
Coil
resistance,
Ω (±10%)
Max. allowable
voltage, at 50
°C,
V DC
Single
side
stable
DSPu-DC3V
3
2.4
0.3
100
300
30
3.9
DSPu-DC5V
5
4.0
0.5
60
300
83
6.5
DSPu-DC6V
6
4.8
0.6
50
300
120
7.8
DSPu-DC9V
9
7.2
0.9
33.3
300
270
11.7
DSPu-DC12V
12
9.6
1.2
25
300
480
15.6
DSPu-DC24V
24
19.2
2.4
12.5
300
1,920
31.2
Type
Part No.
Nominal
voltage,
V DC
Set voltage,
V DC (max.)
Reset
voltage,
V DC (max.)
Nominal
operating
current, mA
Nominal
operating
power, mW
Coil
resistance,
Ω (±10%)
Max. allowable
voltage, at 50
°C,
V DC
2 coil
latching
DSPu-L2-DC3V
3
2.4
2.4
100
300
30
3.9
DSPu-L2-DC5V
5
4.0
4.0
60
300
83
6.5
DSPu-L2-DC6V
6
4.8
4.8
50
300
120
7.8
DSPu-L2-DC9V
9
7.2
7.2
33.3
300
270
11.7
DSPu-L2-DC12V
12
9.6
9.6
25.5
300
480
15.6
DSPu-L2-DC24V
24
19.2
19.2
12.5
300
1,920
31.2
DIMENSIONS
mm inch
1a type (DSP1a)
Single side stable
1 coil latching
2 coil latching
General tolerance:
±0.3± .012
0.8
.031
0.8
.031
0.3
.012
10.0
.394
10.5
.413
3.5
.138
1.0
.039
20.2
.795
7.62
.300
7.2
.283
1.21
.048
10.16
.400
0.8
.031
0.8
.031
0.3
.012
10.0
.394
10.5
.413
3.5
.138
1.0
.039
1.0
.039
20.2
.795
7.62
.300
7.62
.300
7.2
.283
1.21
.048
2.54
.100
0.3
.012
11.0
.433
7.62
.300
PC board pattern (Copper-side view)
Single side stable
2 coil latching
Tolerance:
±0.1 ± .004
2.54
.100
4-1.2 dia.
4-.047 dia.
2.54
.100
2.54
.100
6-1.2 dia.
6-.047 dia.
2.54
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
–
16
5
8
1
+
–
16
5
2
+
–
15
1a1b type (DSP1)
Single side stable
1 coil latching
2 coil latching
General tolerance:
±0.3 ± .012
0.8
.031
0.8
.031
0.3
.012
10.0
.394
10.5
.413
3.5
.138
1.0
.039
20.2
.795
7.62
.300
7.2
.283
1.21
.048
10.16
.400
0.8
.031
0.8
.031
0.3
.012
10.0
.394
10.5
.413
3.5
.138
1.0
.039
1.0
.039
20.2
.795
7.62
.300
7.62
.300
7.2
.283
1.21
.048
2.54
.100
0.3
.012
11.0
.433
7.62
.300
PC board pattern (Copper-side view)
Single side stable
2 coil latching
Tolerance:
±0.1 ± .004
6-1.2 dia.
6-.047 dia.
2.54
×3
.100
×3
2.54
×3
.100
×3
2.54
×4
.100
×4
8-1.2 dia.
8-.047 dia.
2.54
×3
.100
×3
2.54
×3
.100
×3
2.54
×3
.100
×3
2.54
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
–
16
5
912
1
+
–
16
2
+
–
15
85
912



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com