Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP1-DC24V-R Datasheet(PDF) 5 Page - Nais(Matsushita Electric Works)

Part # DSP1-DC24V-R
Description  MINIATURE POWER RELAY IN DS RELAY SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DSP1-DC24V-R Datasheet(HTML) 5 Page - Nais(Matsushita Electric Works)

  DSP1-DC24V-R Datasheet HTML 1Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 2Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 3Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 4Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DSP
238
SOCKETS FOR DSP RELAYS
SPECIFICATIONS
Item
Specifications
Breakdown voltage
3,000 Vrms between
terminals
(Except for the portion
between coil terminals)
Insulation resistance
1,000 M
Ω between
terminals at 500 V
Heat resistance
150
°C for 1 hour
Max. continuous
current
1a: 8 A
2a: 5 A
TYPES AND APPLICABLE RELAYS
Type No.
Applicable relays
For DSP1a
For DSP1a, DSP1, DSP2a
DSP1a-PS
DSP1a-PSL2
DSP2a-PS
DSP2a-PSL2
DSP1a relays
OK
OK
OK
OK
DSP1a-L2 relays
OK
OK
DSP1 relays
OK
OK
DSP1-L2 relays
OK
DSP2a relays
OK
OK
DSP2a-L2 relays
OK
DIMENSIONS
mm inch
5.7
±0.3
.224
±.012
17
±0.6
.669
±.024
11
±0.6
.433
±.024
23
±0.6
.906
±.024
0.3
±0.1
.012
±.004
7.62
±0.3
.300
±.012
10.16
±0.3
.400
±.012
0.8
±0.1
.031
±.004
0.65
±0.1
.026
±.004
7.62
±0.3
.300
±.012
2.54
±0.3
.100
±.012
3.7
.146
2.61
.103
PC board pattern (Copper-side view)
DSP1a-PS, DSP1a-PSL2
Terminal No.2 and 15 are for
DSP1a-PSL2 only.
DSP2a-PS, DSP2a-PSL2
Terminal No.2 and 15 are for
DSP2a-PSL2 only.
1
2
15
16
5
8
2.54
.100
2.54
.100
1.2 dia.
047 dia.
1
2
15
16
5
8
12
9
2.54
.100
2.54
.100
1.2 dia.
047 dia.
FIXING AND REMOVAL METHOD
1. Match the direction of relay and socket.
2. Both ends of relays are fixed so surely
that the socket hooks on the top surface of
relays.
3. Remove the relay, applying force in the
direction shown below.
4. In case there is not enough space for
finger to pick relay up, use screw drivers in
the way shown below.
Good
No good



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com