Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP1-DC24V-R Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # DSP1-DC24V-R
Description  MINIATURE POWER RELAY IN DS RELAY SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

DSP1-DC24V-R Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  DSP1-DC24V-R Datasheet HTML 1Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 2Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 3Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 4Page - Nais(Matsushita Electric Works) DSP1-DC24V-R Datasheet HTML 5Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DSP
236
2a type (DSP2a)
Single side stable
1 coil latching
2 coil latching
General tolerance:
±0.3 ± .012
0.8
.031
0.8
.031
0.3
.012
10.0
.394
10.5
.413
3.5
.138
1.0
.039
20.2
.795
7.62
.300
7.2
.283
1.21
.048
10.16
.400
0.8
.031
0.8
.031
0.3
.012
10.0
.394
10.5
.413
3.5
.138
1.0
.039
1.0
.039
20.2
.795
7.62
.300
7.62
.300
7.2
.283
1.21
.048
2.54
.100
0.3
.012
11.0
.433
7.62
.300
PC board pattern (Copper-side view)
Single side stable
2 coil latching
Tolerance:
±0.1 ± .004
6-1.2 dia.
6-.047 dia.
2.54
×3
.100
×3
2.54
×3
.100
×3
2.54
×4
.100
×4
8-1.2 dia.
8-.047 dia.
2.54
×3
.100
×3
2.54
×3
.100
×3
2.54
×3
.100
×3
2.54
.100
Schematic (Bottom view)
Single side stable
(Deenergized condition)
2 coil latching
(Reset condition)
8
1
+
–
16
5
912
1
+
–
16
2
+
–
15
85
912
REFERENCE DATA
1. Max. switching capacity
2.-(1) Life curve (1a1b type)
2.-(2) Life curve (1a1b type)
1000
100
10
0
0.1
1
10
1a1b
2a
1a
Current, A
100
10
01
2
4
37
6
5
Switching capacity, A
265 V·130 V AC cos
ϕ = 1
265 V·130 V AC
cos
ϕ = 0.4
100
50
10
0.5
1
10
5
Switching capacity, A
30 V DC L/R = 7 ms
30 V DC resistive
3.-(1) Coil temperature rise (1a type)
Sample: DSP1a-DC12V, 5 pcs.
3.-(2) Coil temperature rise (1a1b type)
Sample: DSP1-DC12V, 5 pcs.
3.-(3) Coil temperature rise (2a type)
Sample: DSP2a-DC12V, 5 pcs.
50
60
40
10
20
30
0
80
100
120
8A
0A
Coil applied voltage, %V
50
60
40
10
20
30
0
80
100
120
5A
0A
Coil applied voltage, %V
50
60
40
10
20
30
0
80
100
120
5A
0A
Coil applied voltage, %V
4.-(1) Operate & release time
(without diode, 1a type)
Sample: DSP1a-DC12V, 5 pcs.
4.-(2) Operate & release time
(without diode, 1a1b type)
Sample: DSP1-DC12V, 5 pcs.
4.-(3) Operate & release time
(without diode, 2a type)
Sample: DSP2a-DC12V, 5 pcs.)
80
100
120
4
3
2
1
0
5
6
7
Max.
x
Max.
Min.
Coil applied voltage, %V
x
Min.
Operate time
Release time
80
100
110
0
1
2
3
4
5
6
7
8
9
Max.
Min.
x
x
Max.
Min.
Coil applied voltage, %V
Operate time
Release time
80
100
120
0
1
2
3
4
5
6
7
8
9
Max.
Min.
x
x
Max.
Min.
Coil applied voltage, %V
Operate time
Release time
mm inch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com