Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78F0949 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPD78F0949
Description  PRELIMINARY PRODUCT INFORMATION
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F0949 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPD78F0949 Datasheet HTML 1Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 2Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 3Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 4Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 5Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 6Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 7Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 8Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
3
µPD78F0949
Overview of Functions
Major Changes
Page
Description
18
The internal high-speed RAM is 1024 x 8 bits
Note:
The mark 5 shows major revised points.
Part Number
Item
µPD78F0949
ROM
60 Kbytes
Internal high-speed RAM
1024 bytes
LCD Display RAM
40 bytes
Internal Expansion RAM
992 bytes
Internal
memory
EEPROM
256 bytes
Memory space
64 Kbytes
General registers
8 bits x 32 registers ( 8 bits x 8 registers x 4 banks)
Instruction cycle
On-chip instruction execution time selective function
When main system clock
selected
0,25 µs/0,5 µs/1 µs/2 µs/4 µs (at 8 MHz)
When subsystem clock
selected
122 µs (at 32.768 kHz)
Instruction set
•
16-bit operation
•
Multiplication/division ( 8 bits x 8 bits, 16 bits – 8 bits )
•
Bit manipulation ( set, reset, test, boolean operation )
•
BCD adjustment, etc.
Total
: 79
I/O ports
•
CMOS input
: 8
•
CMOS I/O
: 71
A/D converter
•
8 bit resolution x 8 channels
Serial Interface
•
3-wire mode : 1 channel
•
2-wire mode : 1 channel
•
UART mode : 1 channel
Timer
•
16 bit timer / event counter : 2 channels
•
8 bit timer / event counter : 2 channels
•
Watch timer
: 1 channel
•
Watchdog timer
: 1 channel
Timer output
3 ( 16-bit PWM output x 1, 8-bit PWM output x 2 )
Clock output
62,5 kHz, 125 kHz, 250 kHz, 500 kHz, 1 MHz, 2 MHz,
4 MHz, 8 MHz (at main system clock of 8.0 MHz)
CAN
1 channel
Maskable interrupts
Internal : 22
External : 5
Non-maskable interrupts
Internal : 1
Vectored
interrupts
Software interrupts
Internal : 1
Supply voltage
VDD = 4,0 V to 5,5 V
Package
100-pin plastic QFP ( 14 mm x 20 mm )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com