Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78F0949 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD78F0949
Description  PRELIMINARY PRODUCT INFORMATION
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F0949 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD78F0949 Datasheet HTML 35Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 36Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 37Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 38Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 39Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 40Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 41Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 42Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
39
µPD78F0949
7.
Interrupt Functions and Test Functions
7.1 Interrupt Functions
A total of 29 interrupt functions are provided, divided into the following three types.
• Non-maskable interrupt : 1
• Maskable interrupt
: 27
• Software interrupt
: 1
Table 7-1: Interrupt Vector Table
Interrupt Source
Maska-
bility
Note 1
Interrupt
Priority
Name
Trigger
Internal/
Vector
External
Address
Note 2
Basic
Structure
Type
Non-
maskable
_INTWDT
Overflow of watchdog timer (When the
watchdog timer NMI is selected)
(A)
0INTWDT
Overflow of watchdog timer (When the
interval timer mode is selected)
0004H
1
INTAD
End of A/D converter conversion
0006H
2
INTOVF
Overflow of 16-bit timer 2
0008H
3
INTTM20
Generation of 16-bit timer 2 capture register
(CR20) match signal
000AH
4
INTTM21
Generation of 16-bit timer 2 capture register
(CR21) match signal
000CH
5
INTTM22
Generation of 16-bit timer 2 capture register
(CR22) match signal
Internal
000EH
(B)
6
INTP0
0010H
7
INTP1
0012H
8
INTP2
0014H
9
INTP3
0016H
10
INTP4
Pin input edge detection
External
0018H
(C)
11
INTCE
CAN Error
001AH
12
INTCR
CAN Receive
001CH
13
INTCT0
CAN Transmitbuffer 0
001EH
14
INTCT1
CAN Transmitbuffer 1
0020H
15
INTCSI0
End of serial interface channel 0 transfer
0022H
16
INTCSI1
End of serial interface channel 1 transfer
0024H
17
INTSER
Serial interface channel 1 UART reception
error generation
0026H
18
INTSR
End of serial interface channel 1 UART
reception
0028H
19
INTST
End of serial interface channel 1 UART
transfer
002AH
20
INTTM00
Generation of 16-bit timer 0 capture/compare
register (CR00) match signal
002CH
21
INTTM01
Generation of 16-bit timer 0 capture/compare
register (CR01) match signal
002EH
22
INTTM50
Generation of 8-bit timer/event counter 50
match signal
0030H
23
INTTM51
Generation of 8-bit timer/event counter 51
match signal
0032H
24
INTWE
EEPROM write completion interrupt
0034H
25
INTWTI
Reference time interval signal from watch
timer
Maskable
26
INTWT
Reference time interval signal from watch
timer
Internal
0036H
(B)
Software
_
BRK_I
BRK instruction execution
Internal
003EH
(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com