Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD78F0949 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # UPD78F0949
Description  PRELIMINARY PRODUCT INFORMATION
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD78F0949 Datasheet(HTML) 2 Page - Renesas Technology Corp

  UPD78F0949 Datasheet HTML 1Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 2Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 3Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 4Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 5Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 6Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 7Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 8Page - Renesas Technology Corp UPD78F0949 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
2
µPD78F0949
78K/0 Series Development
These products are a further development in the 78K/0 Series. The designations appearing inside the
boxes are subseries names.
Ordering Information
Part Number
Package
µPD78F0949GF-3BA
100-pin plastic QFP (14 x 20 mm, resin thickness 2.7 mm)
PD78083
µ
Products in mass production
Products under development
Y subseries products are compatible with I2C bus.
Timer added to the
PD78054, external interface functions enhanced
ROM-less product for the PD78078
UART and D/A added to the
PD78014, I/O enhanced
Low-voltage (1.8 V) operation version of the
PD78014, ROM and RAM variations enhanced
µ
µ
µ
100-pin
100-pin
80-pin
64-pin
100-pin
80-pin
100-pin
80-pin
For control
PD78078
µ
µ
PD78070A
µ
PD78054
µ
PD78018F
µ
PD78078Y
µ
PD78070AY
µ
PD78054Y
µ
PD78018FY
µ
For FIP driving
PD780208
µ
PD78044F
µ
For LCD driving
PD78064
µ
PD78064Y
µ
For IEBusTM
PD78098
µ
I/O, FIP C/D of the
PD78044A enhanecd, display output total: 53
6-bit U/D counter added to the
PD78024, display output total: 34
Subseries for LCD driving, internal UART
IEBus controller added to the
PD78054
µ
µ
µ
78K/0
Series
Internal UART, low-voltage (1.8 V) operation possible
PD780949
µ
For CANBus
CANBus controller
100-pin
42/44-pin
PD780308
µ
PD780308Y
µ
PD780826
µ
80-pin
PD780814
µ
64-pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com