Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ALC Datasheet(PDF) 13 Page - Intel Corporation

Part # LXT971ALC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ALC Datasheet(HTML) 13 Page - Intel Corporation

Back Button LXT971ALC Datasheet HTML 9Page - Intel Corporation LXT971ALC Datasheet HTML 10Page - Intel Corporation LXT971ALC Datasheet HTML 11Page - Intel Corporation LXT971ALC Datasheet HTML 12Page - Intel Corporation LXT971ALC Datasheet HTML 13Page - Intel Corporation LXT971ALC Datasheet HTML 14Page - Intel Corporation LXT971ALC Datasheet HTML 15Page - Intel Corporation LXT971ALC Datasheet HTML 16Page - Intel Corporation LXT971ALC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
13
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
Figure 3. LXT971A 64-Pin LQFP Assignments
RXD0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
REFCLK/XI
XO
MDDIS
RESET
TXSLEW0
TXSLEW1
GND
VCCIO
N/C
N/C
GND
ADDR0
ADDR1
ADDR2
ADDR3
ADDR4
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
RXD1
RXD2
RXD3
N/C
MDC
MDIO
GND
VCCIO
PWRDWN
LED/CFG1
LED/CFG2
LED/CFG3
GND
GND
PAUSE
48
LXT971ALC XX
XXXXXX
XXXXXXXX
Part #
LOT #
FPO #
Rev #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com