Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ALC Datasheet(PDF) 39 Page - Intel Corporation

Part # LXT971ALC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ALC Datasheet(HTML) 39 Page - Intel Corporation

Back Button LXT971ALC Datasheet HTML 35Page - Intel Corporation LXT971ALC Datasheet HTML 36Page - Intel Corporation LXT971ALC Datasheet HTML 37Page - Intel Corporation LXT971ALC Datasheet HTML 38Page - Intel Corporation LXT971ALC Datasheet HTML 39Page - Intel Corporation LXT971ALC Datasheet HTML 40Page - Intel Corporation LXT971ALC Datasheet HTML 41Page - Intel Corporation LXT971ALC Datasheet HTML 42Page - Intel Corporation LXT971ALC Datasheet HTML 43Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
Datasheet
39
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
In the receive direction, the PCS layer performs the opposite function, substituting two preamble
nibbles for the SSD.
3.7.3.1.2 Dribble Bits
The LXT971A handles dribbles bits in all modes. If one to four dribble bits are received, the nibble
is passed across the MII, and padded with ones if necessary. If five to seven dribble bits are
received, the second nibble is not sent to the MII bus.
Figure 20. Protocol Sublayers
Encoder/Decoder
Serializer/De-serializer
Link/Carrier Detect
PCS
Sublayer
PMA
Sublayer
MII Interface
PECL Interface
Fiber Transceiver
LXT971A
100BASE-TX
100BASE-FX
Scrambler/
De-scrambler
PMD
Sublayer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com