Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXT971ALC Datasheet(PDF) 34 Page - Intel Corporation

Part # LXT971ALC
Description  3.3V Dual-Speed Fast Ethernet PHY Transceiver
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

LXT971ALC Datasheet(HTML) 34 Page - Intel Corporation

Back Button LXT971ALC Datasheet HTML 30Page - Intel Corporation LXT971ALC Datasheet HTML 31Page - Intel Corporation LXT971ALC Datasheet HTML 32Page - Intel Corporation LXT971ALC Datasheet HTML 33Page - Intel Corporation LXT971ALC Datasheet HTML 34Page - Intel Corporation LXT971ALC Datasheet HTML 35Page - Intel Corporation LXT971ALC Datasheet HTML 36Page - Intel Corporation LXT971ALC Datasheet HTML 37Page - Intel Corporation LXT971ALC Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 90 page
background image
LXT971A 3.3V Dual-Speed Fast Ethernet Transceiver
34
Datasheet
Document #: 249414
Revision #: 002
Rev. Date: August 7, 2002
3.6.7
Loopback
The LXT971A provides two loopback functions, operational and test (see Table 10). Loopback
paths are shown in Figure 13.
Figure 10. 10BASE-T Clocking
Figure 11. 100BASE-X Clocking
Figure 12. Link Down Clock Transition
RX_CLK
(Sourced by LXT971A)
2.5 MHz during auto-negotiation and 10BASE-T Data & Idle
TX_CLK
(Sourced by LXT971A)
2.5 MHz during auto-negotiation and 10BASE-T Data & Idle
Constant 25 MHz
XI
RX_CLK
(Sourced by LXT971A)
2.5 MHz during auto-negotiation
TX_CLK
(Sourced by LXT971A)
Constant 25 MHz
XI
25 MHz once 100BASE-X
Link Established
2.5 MHz during auto-negotiation
25 MHz once 100BASE-X
Link Established
Any Clock
2.5 MHz Clock
Clock transition time will not exceed
2X the nominal clock period:
10 Mbps = 2.5 MHz
100 Mbps = 25 MHz
Link-Down Condition/Auto-Negotiate Enabled
RX_CLK
TX_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com