Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104D-TCA0-R06 Datasheet(PDF) 4 Page - ATTEND Technology Inc.

Part # 104D-TCA0-R06
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 104D-TCA0-R06.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

104D-TCA0-R06 Datasheet(HTML) 4 Page - ATTEND Technology Inc.

  104D-TCA0-R06 Datasheet HTML 1Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 2Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 3Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 4Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
104D-TCA0-R06
FILE:
104D-TCA0-R06_spec
DATE:
2014/01/09
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-4 -
ENVIRONMENTAL
Item
Requirement
Test Condition
Temperature Cycle
Finish
1.Contact Resistance
100mΩ(Max)
2.Insulation Resistance
100MΩ(Min)
Stage
Temp
Time
t1
-55oC
30 min
t2
-55~+90 C o 3 min
t3
+ 90 C o
30 min
t4
+90~-55 C o 3 min
Test time: 6 cycles (JIS C0025)
Heat Resistance
Finish
1. Contact Resistance:
100mΩ(Max)
2.Insulation Resistance
100MΩ(Min)
Solder connectors on PCB and mate them
together, expose to 90 ± 2℃for 96hrs.
Upon completion of the exposure period,
the test specimens shall be conditioned at
ambient room conditions for 1 of 2hrs,
after which the specified measurements
shall be performed.
(MIL-STD-202 METHOD 108)
Cold Resistance
Finish
1. Contact Resistance:
100mΩ(Max)
2. Insulation Resistance
100MΩ(Min)
Solder connectors on PCB and mate them
together, expose to -55 ± 3℃for 96hrs.
Upon completion of the exposure period,
the test specimens shall be conditioned at
ambient room conditions for 1 of 2hrs,
after which the specified measurements
shall be performed. (EIA364-59)
Humidity
Finish
1. Contact Resistance:
100mΩ(Max)
2. Insulation Resistance
100MΩ(Min)
Humidity storage at +40ºC with 90~95%
RH for 96 hours.
Upon completion of the exposure period,
the test specimens shall be conditions
for 1 of 2 hrs, then 10 mating cycles while.
(EIA364-31)
Salt Spray
Finish
1. Contact Resistance:
100mΩ(Max)
5 ± 1% salt solutions, at 35 ± 2ºC
duration 48 hours. Connectors detached
(MIL-STD-1344)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com