Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104D-TCA0-R06 Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 104D-TCA0-R06
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 104D-TCA0-R06.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

104D-TCA0-R06 Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  104D-TCA0-R06 Datasheet HTML 1Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 2Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 3Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 4Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
104D-TCA0-R06
FILE:
104D-TCA0-R06_spec
DATE:
2014/01/09
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-1 -
Scope:
This specification covers the requirements for product performance, test
methods and quality assurance provisions of 104D-TCA0-R06.
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental
performance requirements specification. Unless otherwise specified, all tests
are performed at ambient environmental conditions.
RoHS:
All material in according with the RoHS environment related substances list
controlled.
MATERIAL AND FINISH
INSULATOR
Material Plastic Body : LCP+35%GF, Color Black.
Slider : LCP+35%GF, Color Black.
CONTACT
Material Contact : Phosphor Bronze Alloy (C5210R–EH)
Switch A/C :Phosphor Bronze Alloy (C5210R–EH)
Hold down :Phosphor Bronze Alloy (C5191R–H)
Plating
Contact area: Gold 10 micro inches (Min.)
Solder area: Gold flash
All under-plated Ductile Nickel 50 micro inches (Min.)
Switch A/C & Hold down:
Contact area: Gold flash,Solder area: Gold flash
All under-plated Ductile Nickel 50 micro inches (Min.)


Similar Part No. - 104D-TCA0-R06

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
104D-RCA0-RA1 ATTEND-104D-RCA0-RA1 Datasheet
345Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 104D-RCA0-RA1
2014/03/14
More results

Similar Description - 104D-TCA0-R06

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
104D-RCA0-RA1 ATTEND-104D-RCA0-RA1 Datasheet
345Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 104D-RCA0-RA1
2014/03/14
115B ATTEND-115B Datasheet
336Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
115Q ATTEND-115Q Datasheet
491Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115Q-BCA0
2021/01/21
126B ATTEND-126B Datasheet
447Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
219 ATTEND-219 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
2023/07/14
DDR ATTEND-DDR Datasheet
388Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com