Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

104D-TCA0-R06 Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 104D-TCA0-R06
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 104D-TCA0-R06.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

104D-TCA0-R06 Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  104D-TCA0-R06 Datasheet HTML 1Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 2Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 3Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 4Page - ATTEND Technology Inc. 104D-TCA0-R06 Datasheet HTML 5Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATION AND PERFORMANCE
SERIES:
104D-TCA0-R06
FILE:
104D-TCA0-R06_spec
DATE:
2014/01/09
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
-2 -
SHELL OR COVER
Material Shell :SUS304R-3/4 H
Latch : SUS304R-3/4 H
Spring : Piano Wire
Drag Link : SUS304
Plating
RATING
Rating Current: 0.5A (Max.)/(1PIN)
Rating Voltage: 100V AC/DC
Operating Temperature: -25℃ to +90℃
Storage Temperature: -40℃ to +90℃
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
Initial: 80 mΩ (Max) Solder connectors on PCB and mate them
together, measure by applying closed circuit
current of 10mA maximum at open circuit
voltage of 20mV (max).
(JIS C5402 5.4)
Insulation Resistance Initial:
1,000MΩ(Min).
Apply 500V DC between adjacent contacts,
or contact and ground.
(MIL-STD-202 METHOD 302)
Dielectric
Withstanding Voltage
No breakdown
Mate connectors; apply 500V AC(rms.)
between two adjacent for 1minute.
(Trip current:1mA)
(MIL-STD-202 METHOD 301)
MECHANICAL
Item
Requirement
Test Condition
Contact Retention
Force
2.5N per pin (Min.)
Place a connector on the push-pull machine,
then apply a force on a contact head and
push the contact to the opposite direction of
the contact insertion at the speed of
25 ± 3mm/min. (EIA364-29)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com