Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112C-TXAR-R02 Datasheet(PDF) 1 Page - ATTEND Technology Inc.

Part # 112C-TXAR-R02
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 112C-TXAR-R02.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

112C-TXAR-R02 Datasheet(HTML) 1 Page - ATTEND Technology Inc.

  112C-TXAR-R02 Datasheet HTML 1Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 2Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 3Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 4Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 5Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 6Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 7Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SERIES:
112C-TXAR-R02
FILE:
112C-TXAR-R02_spec
SPECIFICATION AND PERFORMANCE
DATE:
2012/10/25
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
‐1 ‐ 
Scope:
This specification covers the requirements for product performance, test
methods and quality assurance provisions of 112C-TXAR-R02.
Performance and Descriptions:
The product is designed to meet the electrical, mechanical and environmental
performance requirements specification. Unless otherwise specified, all tests
are performed at ambient environmental conditions.
ROHS:
All material in according with the ROHS environment related substances list
controlled.
MATERIAL AND FINISH
INSULATOR
Material Housing: LCP UL 94V-0 Black
Material Contact: Phosphor Bronze C5210
CONTACT
Plating
Gold plated overall.
Material Fork: Stainless Steel
Shell: Stainless steel
t=0.2mm
SHELL OR COVER
Plating
Tin plated over Nickel.
RATING
Current rating : 0.5A max.
Voltage rating : 10V DC
Operating Temperature : -40℃∼+ 85℃
Storage Temperature : -40℃∼+ 85℃


Similar Part No. - 112C-TXAR-R02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
112CNQ030A IRF-112CNQ030A Datasheet
193Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
112CNQ030A VISHAY-112CNQ030A Datasheet
115Kb / 6P
Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
16-Aug-08
112CNQ030A VISHAY-112CNQ030A Datasheet
159Kb / 9P
Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
16-Apr-10
logo
International Rectifier
112CNQ030APBF IRF-112CNQ030APBF Datasheet
173Kb / 7P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
112CNQ030APBF VISHAY-112CNQ030APBF Datasheet
159Kb / 9P
Schottky Rectifier New Generation 3 D-61 Package, 2 x 55 A
16-Apr-10
More results

Similar Description - 112C-TXAR-R02

ManufacturerPart #DatasheetDescription
logo
ATTEND Technology Inc.
101M-TEX0 ATTEND-101M-TEX0 Datasheet
267Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 101M-TEX0
2020-06-30
120B-835D00 ATTEND-120B-835D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120B-835D00
2017/06/27
120C-605D00 ATTEND-120C-605D00 Datasheet
355Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-605D00
2017/03/02
120C-835D00 ATTEND-120C-835D00 Datasheet
312Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 120C-835D00
2017/08/04
112J-TXAR-R01 ATTEND-112J-TXAR-R01 Datasheet
306Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 112J-TXAR-R01.
2013/10/31
115B ATTEND-115B Datasheet
336Kb / 5P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115B Series.
2012/12/12
115Q ATTEND-115Q Datasheet
491Kb / 4P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 115Q-BCA0
2021/01/21
126B ATTEND-126B Datasheet
447Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 126B-SERIES
2022/10/25
219 ATTEND-219 Datasheet
370Kb / 3P
This specification covers the requirements for product performance, test methods and quality assurance provisions of 219 SERIES
2023/07/14
DDR ATTEND-DDR Datasheet
388Kb / 7P
This specification covers the requirements for product performance, test methods and quality assurance provisions of DDR Series.
2013/01/04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com