Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112C-TXAR-R02 Datasheet(PDF) 2 Page - ATTEND Technology Inc.

Part # 112C-TXAR-R02
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 112C-TXAR-R02.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

112C-TXAR-R02 Datasheet(HTML) 2 Page - ATTEND Technology Inc.

  112C-TXAR-R02 Datasheet HTML 1Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 2Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 3Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 4Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 5Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 6Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 7Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SERIES:
112C-TXAR-R02
FILE:
112C-TXAR-R02_spec
SPECIFICATION AND PERFORMANCE
DATE:
2012/10/25
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
‐2 ‐ 
ELECTRICAL
Item
Requirement
Test Condition
Contact Resistance
80mΩ Max.
The T-FLASH SOCKET and T-FLASHCARD
were mated. Low-level current was applied
and resistance measurements were taken.
(20mV Max., 10mA) EIA-RS -364-23A
Insulation Resistance 1000MΩ Min.
Test between adjacent contacts on
unmated connectors at the potential of
500V DC. It was applied between all
contacts.
EIA-RS-364-21A
Dielectric
Withstanding Voltage
1. 500V AC R.M.S. for
one minute.
2. No evidence of
flashover or
breakdown.
The potential was applied between
adjacent contacts of the connector for one
minute.
EIA- RS-364-20A
MECHANICAL
Item
Requirement
Test Condition
Durability
1. Appearance :
No evidence of
physical damage.
2.Contact resistance:
100mΩ Max(Finally).
Mating and un mating samples for 5000
cycles at maximum rate of 600 cycles per
hour.
EIA- RS-364-09A
Vibration
1.Appearance :
No evidence of
physical damage.
2.Open circuit less
than 1 microsecond.
The entire frequency range, from 10 to 55
Hz and return to 10Hz shall be traversed in
approximately 1 minute.
This motion shall be applied for 2 hours in
each of 3 mutually perpendicular
directions. (total of 6 hours) Amplitude:
1.50mm Max.
EIA-RS-364-28A, Condition Ⅰ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com