Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

112C-TXAR-R02 Datasheet(PDF) 3 Page - ATTEND Technology Inc.

Part # 112C-TXAR-R02
Description  This specification covers the requirements for product performance, test methods and quality assurance provisions of 112C-TXAR-R02.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATTEND [ATTEND Technology Inc.]
Direct Link  https://www.attend.com.tw/index.php
Logo ATTEND - ATTEND Technology Inc.

112C-TXAR-R02 Datasheet(HTML) 3 Page - ATTEND Technology Inc.

  112C-TXAR-R02 Datasheet HTML 1Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 2Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 3Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 4Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 5Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 6Page - ATTEND Technology Inc. 112C-TXAR-R02 Datasheet HTML 7Page - ATTEND Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SERIES:
112C-TXAR-R02
FILE:
112C-TXAR-R02_spec
SPECIFICATION AND PERFORMANCE
DATE:
2012/10/25
The information contained herein is exclusive property of. Do not copy and print except that Attend accepts.
本文件係屬立威科技股份有限公司所有;非經同意,不得以任何覆寫、拷貝、翻印等方式私自據有。亦不得擅加毀損、塗改。
‐3 ‐ 
Retention Force
100 gf/pin Min.
Apply axial pull out force at the speed
rate of 25±3 mm/minute.
EIA-364-05
Mechanical Shock
Contact Resistance:
100mΩ max
Appearance:
No visual damage
Discontinuity:
1.0 μsec Max.
Mate connector and subject the following
shock conditions. 3 shocks shall be
applied along 3 mutually perpendicular
axes.
Test pulse: Half Sine
Peak value: 490 m/s2 (50 G)
Velocity change: 3.44 m/s
Pulse duration: 11 msec
EIA-364-27, test condition A
ENVIRONMENTAL
Item
Requirement
Test Condition
Temperature
Life( Heat )
1.Appearance : No
evidence of physical
damage.
2.Contact Resistance:
100mΩ Max.(Finally)
3.Insulation Resistance:
100MΩ Min.
The specimens shall be subjected to a
temperature of 85℃ for 96 hours, then
placed in ambient temperature for more
than 3 hours.
MIL-STD-1344A, Method 1005.1
Temperature
Life( Cold )
1.Appearance : No
evidence of physical
damage.
2.Contact Resistance:
100mΩ Max.(Finally)
3.Insulation Resistance:
The specimens shall be subjected to a
temperature of -25℃ for 96 hours, then
placed in ambient temperature for more
than 3 hours.
MIL-STD-1344A, Method 1005.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com