Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 18Page - Microchip Technology MCP3421 Datasheet HTML 19Page - Microchip Technology MCP3421 Datasheet HTML 20Page - Microchip Technology MCP3421 Datasheet HTML 21Page - Microchip Technology MCP3421 Datasheet HTML 22Page - Microchip Technology MCP3421 Datasheet HTML 23Page - Microchip Technology MCP3421 Datasheet HTML 24Page - Microchip Technology MCP3421 Datasheet HTML 25Page - Microchip Technology MCP3421 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MCP3421
DS22003B-page 22
© 2006 Microchip Technology Inc.
FIGURE 6-3:
Example of Multiple Device
Connection on I2C Bus.
6.2
Device Connection Test
The user can test the presence of the MCP3421 on the
I2C bus line without performing an input data conver-
sion. This test can be achieved by checking an
acknowledge response from the MCP3421 after send-
ing a read or write command. Here is an example using
Figure 6-4:
(a) Set the R/W bit “HIGH” in the address byte.
(b) The MCP3421 will then acknowledge by pulling
SDA bus LOW during the ACK clock and then release
the bus back to the I2C Master.
(c) A STOP or repeated START bit can then be issued
from the Master and I2C communication can continue.
FIGURE 6-4:
I2C Bus Connection Test.
6.3
Application Examples
The MCP3421 device can be used in a broad range of
sensor and data acquisition applications. Figure 6-5,
shows an example of interfacing with a bridge sensor
for pressure measurement.
FIGURE 6-5:
Example of Pressure
Measurement.
In this circuit example, the sensor full scale range is
±7.5 mV with a common mode input voltage of VDD / 2.
This configuration will provide a full 14-bit resolution
across the sensor output range. The alternative circuit
for this amount of accuracy would involve an analog
gain stage prior to a 16-bit ADC.
Figure 6-6 shows an example of temperature measure-
ment using a thermistor. This example can achieve a
linear response over a 50
°C temperature range. This
can be implemented using a standard resistor with 1%
tolerance in series with the thermistor. The value of the
resistor is selected to be equal to the thermistor value
at the mid-point of the desired temperature range.
FIGURE 6-6:
Example of Temperature
Measurement.
SDA SCL
(24LC01)
Microcontroller
EEPROM
MCP3421
(TC74)
Temperature
Sensor
(PIC16F876)
1 2 34
5 6 78
9
SCL
SDA
1 1 0
1A2 A1 A0 1
Start
Bit
Address Byte
Address bits
Device bits
R/W
Start
Bit
MCP3421
Response
NPP301
MCP3421
VIN+
VIN-
VDD
VSS
1
2
3
4
5
6
SCL
SDL
10 µF
0.1 µF
R
R
VDD
VDD
TO MCU
(MASTER)
VDD
10 k
Ω
Resistor
10 k
Ω
Thermistor
MCP3421
VIN+
VIN-
VDD
VSS
1
2
3
4
5
6
SCL
SDL
10 µF
0.1 µF
R
R
VDD
VDD
TO MCU
(MASTER)
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com