Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP3421 Datasheet HTML 12Page - Microchip Technology MCP3421 Datasheet HTML 13Page - Microchip Technology MCP3421 Datasheet HTML 14Page - Microchip Technology MCP3421 Datasheet HTML 15Page - Microchip Technology MCP3421 Datasheet HTML 16Page - Microchip Technology MCP3421 Datasheet HTML 17Page - Microchip Technology MCP3421 Datasheet HTML 18Page - Microchip Technology MCP3421 Datasheet HTML 19Page - Microchip Technology MCP3421 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
MCP3421
DS22003B-page 16
© 2006 Microchip Technology Inc.
FIGURE 5-4:
Timing Diagram For Writing To The MCP3421.
5.4
General Call
The MCP3421 acknowledges the general call address
(0x00 in the first byte). The meaning of the general call
address is always specified in the second byte. Refer
to Figure 5-5. The MCP3421 supports the following
general calls:
5.4.1
GENERAL CALL RESET
The general call reset occurs if the second byte is
‘00000110’ (06h). At the acknowledgement of this
byte, the device will abort current conversion and
perform an internal reset similar to a power-on-reset
(POR).
5.4.2
GENERAL CALL CONVERSION
The general call conversion occurs if the second byte
is ‘00001000’ (08h). All devices on the bus initiate a
conversion simultaneously. For the MCP3421 device,
the configuration will be set to the One-Shot Conver-
sion mode and a single conversion will be performed.
The PGA and data rate settings are unchanged with
this general call.
FIGURE 5-5:
General Call Address
Format.
For more information on the general call, or other I2C
modes, please refer to the Phillips I2C specification.
9
1
9
1
Stop Bit by
11
0
1A2 A1 A0
R/W
ACK by
MCP3421
RDY
C1 C0
O/C
S1 S0 G1 G0
1st Byte:
2nd Byte:
Master
ACK by
MCP3421
MCP3421 Address Byte
Configuration Byte
Start Bit by
Master
with Write command
Note:
– Stop bit can be issued any time during writing.
– MCP3421 device code is 1101.
– Address Bits A2- A0 = 000 are programmed at factory unless customer requests different codes.
SCL
SDA
Note:
The I2C specification does not allow to use
“00000000” (00h) in the second byte.
LSB
First Byte
ACK
x
0 0 0 0 0 0 0 0 A
A
xx x x x x x
(General Call Address)
Second Byte
ACK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com