Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3421 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP3421
Description  18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3421 Datasheet(HTML) 3 Page - Microchip Technology

  MCP3421 Datasheet HTML 1Page - Microchip Technology MCP3421 Datasheet HTML 2Page - Microchip Technology MCP3421 Datasheet HTML 3Page - Microchip Technology MCP3421 Datasheet HTML 4Page - Microchip Technology MCP3421 Datasheet HTML 5Page - Microchip Technology MCP3421 Datasheet HTML 6Page - Microchip Technology MCP3421 Datasheet HTML 7Page - Microchip Technology MCP3421 Datasheet HTML 8Page - Microchip Technology MCP3421 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
© 2006 Microchip Technology Inc.
DS22003B-page 3
MCP3421
Integral Nonlinearity (Note 4)
INL
—
10
35
ppm of
FSR
DR = 3.75 SPS
(Note 6)
Internal Reference Voltage
VREF
—
2.048
—
V
Gain Error (Note 5)
—
0.05
0.35
%
PGA = 1, DR = 3.75 SPS
PGA Gain Error Match (Note 5)
—
0.1
—
%
Between any 2 PGA gains
Gain Error Drift (Note 5)
—
5
40
ppm/°C
PGA=1, DR=3.75 SPS
Offset Error
VOS
—
15
40
µV
Tested at PGA = 1
VDD = 5.0V and DR = 3.75 SPS
Offset Drift vs. Temperature
—
50
—
nV/°C
VDD = 5.0V
Common-Mode Rejection
—
105
—
dB
at DC and PGA =1,
—
110
—
dB
at DC and PGA =8,
TA = +25°C
Gain vs. VDD
—
5
—
ppm/V
TA = +25°C, VDD = 2.7V to 5.5V,
PGA = 1
Power Supply Rejection at DC
—
100
—
dB
TA = +25°C, VDD = 2.7V to 5.5V,
PGA = 1
Power Requirements
Voltage Range
VDD
2.7
—
5.5
V
Supply Current during
Conversion
IDDA
—
155
190
µA
VDD = 5.0V
—
145
—
µA
VDD = 3.0V
Supply Current during Standby
Mode
IDDS
—0.1
0.5
µA
I2C Digital Inputs and Digital Outputs
High level input voltage
VIH
0.7 VDD
—VDD
V
Low level input voltage
VIL
—
—
0.3V
DD
V
Low level output voltage
VOL
——
0.4
V
I
OL = 3 mA, V
DD = +5.0V
Hysteresis of Schmitt Trigger
for inputs (Note 7)
VHYST
0.05VDD
——
V
fSCL = 100 kHz
Supply Current when I2C bus
line is active
IDDB
——
10
µA
Input Leakage Current
IILH
——
1
µA
VIH = 5.5V
IILL
-1
—
—
µA
VIL = GND
Pin Capacitance and I2C Bus Capacitance
Pin capacitance
CPIN
—
—
10
pF
I2C Bus Capacitance
Cb
—
—
400
pF
Thermal Characteristics
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Storage Temperature Range
TA
-65
—
+150
°C
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all parameters apply for TA = -40°C to +85°C, VDD = +5.0V, VSS = 0V,
VIN+ = VIN- = VREF/2. All ppm units use 2*VREF as full-scale range.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Any input voltage below or greater than this voltage causes leakage current through the ESD diodes at the input pins.
This parameter is ensured by characterization and not 100% tested.
2:
This input impedance is due to 3.2 pF internal input sampling capacitor.
3:
The total conversion speed includes auto-calibration of offset and gain.
4:
INL is the difference between the endpoints line and the measured code at the center of the quantization band.
5:
Includes all errors from on-board PGA and VREF.
6:
Full Scale Range (FSR) = 2 x 2.048/PGA = 4.096/PGA.
7:
This parameter is ensured by characterization and not 100% tested.
8:
This parameter is ensured by design and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com