Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-07E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10.1" Industrial Tablet with Qualcomm Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  RAM-MOUNT-07E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 9Page - Advantech Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AIM-78S
System I/O
Integrated speakers
Front camera
Light sensor
Power
Indicator
(LED)
AIM extension port NFC
Rear camera
Battery Cover
SD + SIM door
Power button
Barcode scanner
Volume control
Programmable Key
I/O door:
1 x USB3.1 Type C
1 x USB 2.0 Type A
Combo audio jack
DC-in jack
Optional Accessories
Part Number
Description
AIM-ADP0-0424
ADP A/D 100-240V 65W 19V DC IN
1700001947
Power cord (USA) UL 2P 7A 125 V 183 cm
1700001949
Power Cord(UK) BSI 2P 2.5A 250V 183cm
1700029278-01
Power Cord (Japan) PSE 2P 7A 125V 183cm
1700029279-01
Power Cord (NZ/AU) SAA 2P 2.5A 250V 183 cm
1700008972
Power cord (China)CCC 2P 2.5A 250 V 183 cm
1700001948-11
Power cord (EU) EU 2P 2.5A 250 V 183 cm
1700021662-01
Power Cord (TW) BSMI 2P 2.5A 125V 183cm
Note: Adapter and power cord are suitable for AIM-78, vesa and office dock.
Ordering Information
Part Number
Memory/Storage
LCD
Front/Rear Camera
Wi-Fi/BT
LTE+GPS
Built In Barcode
NFC
Applicable Regions /
Countries
AIM-78S-200S00
4GB/64GB
380nits
Global
AIM-78S-200B00
4GB/64GB
380nits
Global
AIM-78S-600S20
4GB/64GB
800nits
Global
(except North America)
AIM-78S-600B20
4GB/64GB
800nits
Global
(except North America)
AIM-78S-610S20
4GB/64GB
800nits
North America
AIM-78S-610B20
4GB/64GB
800nits
North America
AIM-78S Packing List
Description
1 x AIM-78S
1 x AC/DC adaptor
1 x 2-pin power cord (TW)
Pogo pin
MIC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com