Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-07E Datasheet(PDF) 8 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10.1" Industrial Tablet with Qualcomm Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 8 Page - Advantech Co., Ltd.

Back Button RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 9Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 10Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.advantech.com/products
Online Download
Features
Specifications
Multi-Battery Charging Station for AIM
Capacity
Number of Bays
4
Power
Charging Current
1 A
Charging Voltage
12.6 V
Input Voltage
19 V
LED Indicators
Green: Full
Amber: Charging
Red: Error
Mechanical
Dimensions (W x D x H)
144 x 155 x 39 mm (5.7 x 6.1 x 1.5 in)
Weight
0.48 kg (1.05 lb)
Environment
Operating Temperature
0 ~ 40 °C (32 ~104 °F)
Storage Temperature
-10 ~ 50 °C (14 ~ 122 °F)
Safety
UL, CB, LVD, CCC, RCM
Certifications
CE, FCC, CCC, RCM, BSMI
ƒ
Supports charging of up to 4 batteries simultaneously
ƒ
Overcurrent and overvoltage protection provided
ƒ
LED indicators for monitoring charging status
Dimensions
Unit: mm
Ordering Information
Part Number
Description
AIM-MBC0-0051
Multi-battery charging station for AIM
Packing List
Item
AIM-MBC0-0051
1
1 x Multi Battery Charger
2
1 x AC/DC adaptor
Note: The packing list doesn’t Include power cord. Please order based on following PNs.
Optional Accessories
Part Number
Description
96PSA-A65W19V1-3
ADP A/D 100-240V 65W 19V C6 DC PLUG 180° 62368
1700001524
Power cord (USA) UL 3P 10A 125V 183 cm
1700008921
Power cord (Japan) PSE 3P 7A 125V 183 cm
1700019146
Power cord (China) CCC 3P 10A 250V 183 cm
1700018553
Power cord (NZ/AU) SAA 3P 10A 250V 183 cm
170203180A
Power cord (UK) BSI 3P 10A 250V 183 cm
170203183C
Power cord (EU) 3P 2.5A 250V 183 cm
144.20
39
AIM Muti-Battery Charging Station



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com