Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-MOUNT-07E Datasheet(PDF) 6 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-07E
Description  10.1" Industrial Tablet with Qualcomm Processor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-07E Datasheet(HTML) 6 Page - Advantech Co., Ltd.

Back Button RAM-MOUNT-07E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 5Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 6Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 7Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 8Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 9Page - Advantech Co., Ltd. RAM-MOUNT-07E Datasheet HTML 10Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.advantech.com/products
Online Download
Features
Features
Dimensions
Unit: mm
Specifications
Advanced VESA Docking Station
VESA Docking Station with USB
I/O
2 x USB 3.0
1 x RS-232 COM
1 x Gigabit LAN
1 x Power jack
2 x USB 2.0
1 x Power jack
Stand
N/A
N/A
Power
Input Voltage
9 ~ 32 V
9 ~ 32 V
Mechanical
Dimensions (W x D x H)
159.13 x 75.49 x 227 mm (6.3 x 2.9 x 8.9 in)
159.13 x 75.49 x 227 mm (6.3 x 2.9 x 8.9 in)
Weight
0.33 kg (0.72 lb)
0.32 kg (0.71 lb)
Environment
Operating Temperature
-10 ~ 50 °C (14 ~122 °F); 0 ~ 40 °C (32 ~104 °F)
for charging
-10 ~ 50 °C (14 ~122 °F); 0 ~ 40 °C (32 ~104 °F)
for charging
Storage Temperature
-20 ~ 70 °C (-4 ~ 158 °F)
-20 ~ 70 °C (-4 ~ 158 °F)
Safety
UL, CB, LVD, CCC
UL, CB, LVD, CCC
Certifications
CE, FCC, CCC
CE, FCC, CCC
ƒ
9 ~ 32 V wide input voltage range
ƒ
VESA (75 x 75 mm)-compliant docking stations
ƒ
-10 ~ 50 °C (14 ~122 °F) operating temperature
ƒ
Reliable docking connector for office applications
159.13±0.2
75.49±0.2
37
Ordering Information
Part Number
Description
AIM-VSD0-0470
AIM 10 advanced VESA docking station
AIM-VSD0-0471
AIM 10 VESA docking station with USB
Packing List
Item
AIM-VSD0-0470
AIM-VSD0-0471
1
1 x VESA Dock(Advanced I/O)
1 x Vehicle Dock (Charging & USB Only)
Note: The packing list doesn’t Include adapter and power cord. Please order based on following PNs.
Optional Accessories
Part Number
Description
AIM-ADP0-0424
ADP A/D 100-240V 65W 19V DC IN
1700001947
Power cord (USA) UL 2P 7A 125 V 183 cm
1700001949
Power Cord(UK) BSI 2P 2.5A 250V 183cm
1700029278-01
Power Cord (Japan) PSE 2P 7A 125V 183cm
1700029279-01
Power Cord (NZ/AU) SAA 2P 2.5A 250V 183 cm
1700008972
Power cord (China)CCC 2P 2.5A 250 V 183 cm
1700001948-11
Power cord (EU) EU 2P 2.5A 250 V 183 cm
1700021662-01
Power Cord (TW) BSMI 2P 2.5A 125V 183cm
AIM-78S VESA Docking Station



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com