Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USM-500-RFK0E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # USM-500-RFK0E
Description  Professional Tower/Standalone Medical Computer with Intel 8th/9th Generation Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USM-500-RFK0E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  USM-500-RFK0E Datasheet HTML 1Page - Advantech Co., Ltd. USM-500-RFK0E Datasheet HTML 2Page - Advantech Co., Ltd. USM-500-RFK0E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.advantech.com/products
Online Download
320
329.5
340.9
88 10.71
320
USM-500
Dimensions
Unit: mm
Order Information
Standard Model
Part Number
Description
PSU
CPU
Memory
HDD
SSD
USM-500JW7165S
i7-8700/16G/512GSSD
500W
i7-8700
16G
x
512G
CTOS Service
Part Number
Description
PSU
CPU
Memory
HDD
SSD
USM-500-W5000000S
USM-500 with 500W PSU Barebone
500W
x
x
x
x
USM-500-W5000000ST
USM-500 with 500W PSU Barebone (Made in Taiwan)
500W
x
x
x
x
500 barebone inlcude 2 SATA cable/ power cable(for HDD and SSD) , screw for HDD and M.2 device.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com