Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USM-500-RFK0E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # USM-500-RFK0E
Description  Professional Tower/Standalone Medical Computer with Intel 8th/9th Generation Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USM-500-RFK0E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  USM-500-RFK0E Datasheet HTML 1Page - Advantech Co., Ltd. USM-500-RFK0E Datasheet HTML 2Page - Advantech Co., Ltd. USM-500-RFK0E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
USM-500
Professional Tower/Standalone
Medical Computer with Intel 8th/9th
Generation Processor
ƒ
Stylish and user friendly outlook for hospital environment
ƒ
Support Intel® Xeon® 8th/9th Gen Core™ i7/i5/i3 processor with intel Q370/
C246
ƒ
Rich expansion for multi-purpose application
ƒ
Support Window 10 LTSC/Linux/nVidia AI (Clara SDK)
ƒ
M.2 2280/2230 expansion slot
ƒ
HDMI and DP for multiple display used
ƒ
Support WISE-Device on
ƒ
Support Software RAID 0,1,5,10, TPM2.0
Introduction
The industries first NVIDIA-Certified medical-grade computer aimed at providing AI at the edge for hospital applications and healthcare environments. This innovative Edge AI platform
features support for the NVIDIA RTX -A6000 graphics card and NVIDIA's AI tools and frameworks like RAPIDS, Tensor RT and Triton Inference Server. The USM-500 efficiently utilizes
two video capture cards and one NVIDIA graphics card to capture large video data while executing real-time AI algorithms and analysis.
Specifications
Processor
CPU
Intel 8th/9th Gen Processor (i3/i5/i7 TDP 65W)
Chipset
Intel Q370
Intel C246 (Optional for Xeon CPU)
Memory
4 slots U-DIMM sockets support up to 128GB DDR4 2666MHzx SDRAM (Intel Q370)
4 slots U-DIMM sockets support up to 128GB ECC/ 2666MHzx SDRAM (Intel C246)
Operating System
Windows 10 LTSC
Linux and windows 2016 server (By project base)
Expansion Slot
PCIe X1
1GB/s per direction
PCIe X4
4GB/s per direction
PCIe X8(Gen3)
(BOM option, but only can choose 2 PCIe x8 or
1 PCIe x16 , default is PCIe x16)
PCIe X16(Gen3)
16GB/s per direction
M.2 (Mkey)
1 (Type :2280 NVMe PCIex4 and SATA M.2 support)
M.2(E key)
1 (Type 2230 for WIFI)
Serial
5 (4 x RS-232, 1 x RS-232/422/485 with auto flow control)
1 (1 x RS-232/422/485 with auto flow control)
Physical Characteristics
Dimension
320 x 329.5 x 145 mm
Environment
Weight
10kg
Graphics
HDMI
Support max resolution HDMI 1.2 1920 x 1200 @
60 Hz (Colay HDMI 2.0a 4096 x 2160 @ 60 Hz, via BOM option)
eDP
1, Internal pin header, support max. resolution
3840 x 2160 @ 60 Hz (Internal pin header)
Display Port
Support max resolution 4096 x 2304 @ 60 Hz
Storage
HDD(2.5")/SSD
2.5" SATAIII 5KRPM 128M up to 2TB
(Support 2 slot 2.5 HDD/SDD by BOM option)
CD Drive (Optional)
SLIM 8X SATA DVD+/-RW DL BLACK (By project base)
I/O
HDMI
1
Display Port
2
RS232
1
USB
10 ( 4 x USB 3.1/2 x USB 3.0 /4 x USB 2.0)
RJ45
2 (LAN1:Intel I219LLM ; LAN2 Intel I211AT))
Audio
2 (Line-in/Line-out)
Power Supply
Input Voltage: internal PSU 100-240V 8-4A 47~63 Hz, maximum output power 500W
Output Voltage: +3.3, 20A; +5V 20A; +12V1, 16A; +12V2, 16A; +12V3 16A; +5Vsb, 3A; -12V, 0.5A; -5V, 0.2A
Warranty
2 years
Certification
CE/FCC/CCC/IEC-606061-1/IEC-60601-1-2 4th, RED, KCC
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice.
Last updated: 27-Apr-2023


Similar Part No. - USM-500-RFK0E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
USM-500L ADVANTECH-USM-500L Datasheet
639Kb / 3P
Professional Tower/Standalone Medical Computer with Intel 8th/9th Generation Processor
31-May-2022
USM-500L-0000AA1 ADVANTECH-USM-500L-0000AA1 Datasheet
639Kb / 3P
Professional Tower/Standalone Medical Computer with Intel 8th/9th Generation Processor
31-May-2022
USM-500L-0000AA2 ADVANTECH-USM-500L-0000AA2 Datasheet
639Kb / 3P
Professional Tower/Standalone Medical Computer with Intel 8th/9th Generation Processor
31-May-2022
USM-500R ADVANTECH-USM-500R Datasheet
841Kb / 4P
Professional Mini Tower/Standalone Edge Computer with Intel 8th/9th Generation Processor
19-Oct-2022
USM-500R-Q3700 ADVANTECH-USM-500R-Q3700 Datasheet
841Kb / 4P
Professional Mini Tower/Standalone Edge Computer with Intel 8th/9th Generation Processor
19-Oct-2022
More results

Similar Description - USM-500-RFK0E

ManufacturerPart #DatasheetDescription
logo
DFI Inc
CH960-HM370 DFI-CH960-HM370 Datasheet
747Kb / 2P
8th/9th Gen Intel Core Processor COM Express Basic
ST102-CS DFI-ST102-CS Datasheet
739Kb / 4P
8th/9th Gen Intel Core Processor Desktop Box PC
logo
AAEON Technology
MAX-H310A AAEON-MAX-H310A Datasheet
613Kb / 2P
Micro-ATX Industrial Motherboard with 8th/9th Generation Intel® Core™ Processor, DDR4 DRAM
2022/10/05
BOXER-6641-PRO AAEON-BOXER-6641-PRO Datasheet
527Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
BOXER-6839-CFL AAEON-BOXER-6839-CFL Datasheet
614Kb / 2P
Fanless Embedded Box PC with Socket Type 8th/9th Generation Intel® Processor
BOXER-6840-CFL AAEON-BOXER-6840-CFL Datasheet
562Kb / 2P
High Computing Power Embedded Controller with 8th/9th Generation Intel® Processor
BOXER-6842M AAEON-BOXER-6842M Datasheet
1Mb / 2P
Fanless Embedded Controller with 8th/9th Generation Intel® Processor
2022/04/13
logo
Advantech Co., Ltd.
USM-500L ADVANTECH-USM-500L Datasheet
639Kb / 3P
Professional Tower/Standalone Medical Computer with Intel 8th/9th Generation Processor
31-May-2022
USM-500 ADVANTECH-USM-500_V01 Datasheet
381Kb / 2P
Professional Tower/Standalone Medical Computer with NVIDIA IGX
24-May-2023
USM-500R ADVANTECH-USM-500R Datasheet
841Kb / 4P
Professional Mini Tower/Standalone Edge Computer with Intel 8th/9th Generation Processor
19-Oct-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com