Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USM-500-RFK0E Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # USM-500-RFK0E
Description  Professional Tower/Standalone Medical Computer with Intel 8th/9th Generation Processor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

USM-500-RFK0E Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  USM-500-RFK0E Datasheet HTML 1Page - Advantech Co., Ltd. USM-500-RFK0E Datasheet HTML 2Page - Advantech Co., Ltd. USM-500-RFK0E Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Component Offerings
CPU
Part Number
Description
96MPI5CR-3.0-9M11T
Core i5-9500E(3G)
96MPI7CR-2.6-12M11
Core i7-9700E(2.6G)
96MPI5C-2.1-9M11T
Core i5-8500T(2.1G)
96MPI7C-3.2-12M11T
Core i7-8700(3.2G)
2.5" HDD
Part Number
Description
96ND500G-ST-SG5KG
SG 2.5" 500G 5KRPM 7MM SATAIII 128MB
96ND1TB-ST-WD5KG
2.5 SATA 1TB
96ND2TB-ST-SG5KG1
2.5" 2TB SATAIII 128 MB
2.5" SSD
Part Number
Description
96FD25-S256-TS
SSSTC SEMI-WT SSD 256GB 2.5" SATA3 Tos 96
TLC
96FD25-S512-TS
SSSTC SEMI-WT SSD 512GB 2.5" SATA3 Tos 96
TLC
96FD25-S1TB-TS
SSSTC SEMI-WT SSD 1TB 2.5" SATA3 Tos 96 TLC
M.2 SSD
Part Number
Description
96FD80-N256-TS
SSSTC SEMI-WT SSD 256GB 2280 SATA3 Tos 96
TLC
96FD80-N512-TS
SSSTC SEMI-WT SSD 512GB 2280 SATA3 Tos 96
TLC
96FD80-N1TB-TS
SSSTC SEMI-WT SSD 1TB 2280 SATA3 Tos 96 TLC
Cable
Part Number
Description
1700018705
Power Cord EU 3P 10A 250V 183cm
1702002600
Power Cord UL 3P 10A 125V 183cm
96CB-POWER-B-1.8MA
POWER CORD H05VV-F 3G 0.75MM 1.8M
BK(G)_CN
1700023855-11
M Cable HDMI 19P(M)/HDMI 19P(M) 100cm w/
Lock
1700029605-01
200 cm DVI to DVI Cable
Capture card
Part Number
Description
DVP-7011HE
1-ch Full HD H.264/MPEG4 PCIe video capture card
with SDK
DDR
Part Number
Description
SQR-UD4N4G2K6SNEFB
288pin UDIMM DDR4 2666 4GB 1.2v 512x8
(0 ~ 85 °C)
SQR-UD4N8G2K6SNBCB
288pin UDIMM DDR4 2666 8GB 1.2v 1Gx8
(0 ~ 85 °C)
SQR-UD4N16G2K6SNCB
288pin UDIMM DDR4 2666 16GB 1.2v 1Gx8
(0 ~ 85 °C)
SQR-UD4N32G2K6SNME
88pin UDIMM DDR4 2666 32GB 1.2v 2Gx8
(0 ~ 85 °C)
Graphic Card
Part Number
Description
USM-QUAD-RTXA6000
Quadro RTX-A6000 with cable
SKY-QUAD-RTXA4000B
Quadro RTX-A4000
USM-RTX-A5000
Quadro RTX-A5000 with cable
SKY-QUAD-A2000-12B
Quadro RTX A2000 12GB FS w/ATX bracket BULK
WiFi Kit
Part Number
Description
USM-500-RFK0E
USM-500/501 WiFi kit (Intel AC9260)
USM-500
I/O View
RS232
PCIe x8
(By BOM option)
RJ45
PCIe x16
USB 3.0
HDMI
USB 2.0
PCIe x4
Audio in /out
DP
USB 3.1
PCIe x1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com