Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2117DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2117DN
Description  1.25MHz, 2.2A Synchronous Step-Down Switcher
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2117DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2117DN Datasheet HTML 1Page - Monolithic Power Systems MP2117DN Datasheet HTML 2Page - Monolithic Power Systems MP2117DN Datasheet HTML 3Page - Monolithic Power Systems MP2117DN Datasheet HTML 4Page - Monolithic Power Systems MP2117DN Datasheet HTML 5Page - Monolithic Power Systems MP2117DN Datasheet HTML 6Page - Monolithic Power Systems MP2117DN Datasheet HTML 7Page - Monolithic Power Systems MP2117DN Datasheet HTML 8Page - Monolithic Power Systems MP2117DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP2117
– 1.25MHZ, 2.2A SYNCHRONROUS STEP-DOWN SWITCHER
END OF LIFE, REFER TO MP1605
MP2117 Rev. 0.92
www.MonolithicPower.com
2
6/20/2022
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
ORDERING INFORMATION
*For Tape & Reel, add suffix
–Z (eg. MP2117DQ–Z): For RoHS compliant packaging, add suffix –LF (eg.
MP2117DQ
–LF–Z). CONTACT FACTORY
**For Tape & Reel, add suffix
–Z (eg. MP2117DN–Z): For RoHS compliant packaging, add suffix –LF (eg.
MP2117DN
–LF–Z). CONTACT FACTORY
PACKAGE REFERENCE
QFN10 (3mmx3mm)
SOIC8E
ABSOLUTE MAXIMUM RATINGS (1)
IN to GND ..................................
–0.3V to + 6.5V
SW to GND ..........................
–0.3V to VIN + 0.3V
.....................(VSW >-2.5V, Transient <50ns ;
VSW<+8.5V, Transient <50ns)
PWROK to GND .........................
–0.3V to +6.5V
FB, EN to GND ...........................
–0.3V to +6.5V
Operating Temperature.............
–40°C to +85°C
Continuous Power Dissipation
(TA = +25°C) (2)
SOIC8E...................................................... 2.5W
QFN10 (3mm x 3mm) ................................ 2.5W
Junction Temperature ...............................150°C
Lead Temperature ....................................260°C
Storage Temperature .............
–65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .............................2.5V to 6V
Output Voltage VOUT...........................0.6V to 6V
Operating Temperature.............
–40°C to +85°C
Thermal Resistance
(4)
θJA
θJC
QFN10 (3mm x 3mm) .............50 ...... 12 ...
C/W
SOIC8E ...................................50 ...... 10 ...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD5 1-7, 4-layer PCB.
Part Number*
Package
Top Marking
Temperature
MP2117DQ
QFN10 (3mmx3mm)
S4
–40
C to +85C
Part Number**
Package
Top Marking
Temperature
MP2117DN
SOIC8E
MP2117DN
–40
C to +85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com