Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2117DN Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2117DN
Description  1.25MHz, 2.2A Synchronous Step-Down Switcher
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2117DN Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2117DN Datasheet HTML 1Page - Monolithic Power Systems MP2117DN Datasheet HTML 2Page - Monolithic Power Systems MP2117DN Datasheet HTML 3Page - Monolithic Power Systems MP2117DN Datasheet HTML 4Page - Monolithic Power Systems MP2117DN Datasheet HTML 5Page - Monolithic Power Systems MP2117DN Datasheet HTML 6Page - Monolithic Power Systems MP2117DN Datasheet HTML 7Page - Monolithic Power Systems MP2117DN Datasheet HTML 8Page - Monolithic Power Systems MP2117DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP2117
1.25MHz, 2.2A Synchronous
Step-Down Switcher
END OF LIFE, REFER TO MP1605
MP2117 Rev. 0.92
www.MonolithicPower.com
1
6/20/2022
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2023 MPS. All Rights Reserved.
DESCRIPTION
The MP2117 is an internally compensated 2.2A
synchronous step-down switcher. The operating
frequency is internally set at 1.25MHz. MP2117
is ideal for powering portable equipment that
runs from a single cell Lithium-Ion (Li+) Battery.
The MP2117 can provide up to 2.2A continuous
load current from a 2.5V to 6V input voltage.
The output voltage can be regulated as low as
0.6V. 100% duty cycle provides low dropout
operation that extends operating time in battery-
operated systems.
The MP2117 features an integrated high-side
switch
and
synchronous
rectifier
for
high
efficiency. With peak current mode control and
internal compensation, the MP2117 can be
stabilized with ceramic capacitors and small
inductors. Fault condition protection includes
cycle-by-cycle
current
limiting
and
thermal
shutdown.
MP2117
is
available
in
the
small
10-pin
3mmx3mm QFN and SOIC-8 packages.
FEATURES
• 2.2A Output Current
• 2.5V to 6V Input Range V
IN
• Internal Power MOSFET Switches
• Low Dropout Operation: 100% Duty Cycle
• Up to 90% Efficiency
• Stable with Ceramic Output Capacitors
• 1μA Shutdown Current
• 1.25MHz Switching Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Output Short Circuit Protection
• Internal Soft-start
• Power On Reset Output
• Available in 10-Pin QFN (3mmx3mm) and
8-pin SOIC Packages
APPLICATIONS
• DVD+/-RW Drives
• LCD TV
• PDAs
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP2117DN

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2110GQ MPS-MP2110GQ Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
More results

Similar Description - MP2117DN

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE3806 SEAWARD-SE3806 Datasheet
97Kb / 2P
1.25MHz, 600mA Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8035 RICHTEK-RT8035 Datasheet
223Kb / 11P
Dual 800mA, 1.25MHz Synchronous Step-Down Converter
RT8075 RICHTEK-RT8075 Datasheet
177Kb / 11P
Dual 1A, 1.25MHz Synchronous Step-Down Converter
logo
Texas Instruments
TPS54327 TI1-TPS54327_15 Datasheet
1Mb / 29P
Output Single Synchronous Step-Down Switcher
TPS54618-Q1 TI1-TPS54618-Q1_16 Datasheet
1Mb / 42P
Synchronous Step-Down SWIFT Switcher
logo
E-CMOS Corporation
EC3276 E-CMOS-EC3276 Datasheet
959Kb / 12P
2.2A/32V Synchronous Rectified Step-Down Converter
logo
Monolithic Power System...
MP4432 MPS-MP4432 Datasheet
1Mb / 29P
36V, 2.2A, Low Quiescent Current, Synchronous, Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1483A TECHCODE-TD1483A Datasheet
1,019Kb / 15P
2.2A 23V Synchronous Rectified Step-Down Converte
TD2776 TECHCODE-TD2776 Datasheet
925Kb / 14P
2.2A 32V Synchronous Rectified Step-Down Converter
TD2776A TECHCODE-TD2776A Datasheet
939Kb / 14P
2.2A 32V Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com